Electronic Components Datasheet Search
  English  ▼

X  

TPS2541ARTET Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 27Page - Texas Instruments TPS2541ARTET Datasheet HTML 28Page - Texas Instruments TPS2541ARTET Datasheet HTML 29Page - Texas Instruments TPS2541ARTET Datasheet HTML 30Page - Texas Instruments TPS2541ARTET Datasheet HTML 31Page - Texas Instruments TPS2541ARTET Datasheet HTML 32Page - Texas Instruments TPS2541ARTET Datasheet HTML 33Page - Texas Instruments TPS2541ARTET Datasheet HTML 34Page - Texas Instruments TPS2541ARTET Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
Layout Guidelines
TPS2540/40A/41/41A Placement: Place the TPS2540/40A/41/41A near the USB output connector and 150-
µF
OUT pin filter capacitor. Connect the exposed Power PAD to the GND pin and to the system ground plane using
a via array.
IN Pin Bypass Capacitance: Place the 0.1-
µF bypass capacitor near the IN pin and make the connection using
a low inductance trace.
D+ and D- Traces: Route in and out traces as controlled impedance differential pairs per the USB specification
and the Intel guideline for USB-2.0. Minimize the use of vias in the high speed data lines.
ESD
The use of a common mode choke in the upstream datapath can provide additional ESD protection from client
side cable insertion transients. In addition, a low capacitance ESD protection array such as the TPD2E001
provides a robust solution. The TPS2540EVM-623 (SLVU401) provides a good example of routing and output
datapath protection.
Using a system board, applying same design rules and protection devices as the TPS2540EVM-623 , the
TPS2540 has been tested to EN61000-4-2. The levels used were 8-kV contact discharge and 15-kV air
discharge. Voltage transients were applied between D+ terminal and the earth ground, and between D- terminal
and the earth ground, V- being connected to earth ground. Tests were performed while both powered and
unpowered. No TPS2540 failures were observed and operation was continuous.
ILIM0 and ILIM1 Pin Connections
Current limit set point accuracy can be compromised by stray leakage from a higher voltage source to the ILIM0
or ILIM1 pins. Ensure that there is adequate spacing between IN pin copper/trace and ILIM0 pin trace to prevent
contaminant buildup during the PCB assembly process. If a low current limit set point is required (RILIMx
> 200
k
Ω), use ILIM1 for this case as it is further away from the IN pin.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com