Electronic Components Datasheet Search
  English  ▼

X  

TPS2541ARTET Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 20Page - Texas Instruments TPS2541ARTET Datasheet HTML 21Page - Texas Instruments TPS2541ARTET Datasheet HTML 22Page - Texas Instruments TPS2541ARTET Datasheet HTML 23Page - Texas Instruments TPS2541ARTET Datasheet HTML 24Page - Texas Instruments TPS2541ARTET Datasheet HTML 25Page - Texas Instruments TPS2541ARTET Datasheet HTML 26Page - Texas Instruments TPS2541ARTET Datasheet HTML 27Page - Texas Instruments TPS2541ARTET Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
TPS2540, TPS2540A
TPS2541, TPS2541A
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
GENERAL INFORMATION
Overview
The following overview references various industry standards. It is always recommended to consult the most
up-to-date standard to ensure the most recent and accurate information.
Rechargeable portable equipment requires an external power source to charge its batteries. USB ports are a
convenient location for charging because of an available 5-V power source. Universally accepted standards are
required to make sure host and client-side devices operate together in a system to ensure power management
requirements are met. Traditionally, USB host ports following the USB 2.0 specification must provide at least 500
mA to downstream client-side devices. Because multiple USB devices can be attached to a single USB port
through a bus-powered hub, it is the responsibility of the client-side device to negotiate its power allotment from
the host to ensure the total current draw does not exceed 500 mA. In general, each USB device is granted 100
mA and may request more current in 100 mA unit steps up to 500 mA. The host may grant or deny based on the
available current.
Additionally, the success of USB has made the mini-USB connector a popular choice for wall adapter cables.
This allows a portable device to charge from both a wall adapter and USB port with only one connector.
One common difficulty has resulted from this. As USB charging has gained popularity, the 500 mA minimum
defined by USB 2.0 has become insufficient for many handset and personal media players which need a higher
charging rate. On the other hand, wall adapters can provide much more current than 500 mA. Several new
standards have been introduced defining protocol handshaking methods that allow host and client devices to
acknowledge and draw additional current beyond the 500 mA minimum defined by USB 2.0 while still using a
single micro-USB input connector.
The TPS2540, TPS2540A, TPS2541 and TPS2541A support three of the most common protocols:
•
USB 2.0 Battery Charging Specification BC1.2
•
Chinese Telecommunications Industry Standard YD/T 1591-2009
•
Divider Mode
All three methods have similarities and differences, but the biggest commonality is that all three define three
types of charging ports that provide charging current to client-side devices. These charging ports are defined as:
•
Standard Downstream Port (USB 2.0) (SDP)
•
Charging Downstream Port (CDP)
•
Dedicated Charging Port (DCP)
BC1.2 defines a Charging Port as a downstream facing USB port that provides power for charging portable
equipment.
The table below shows the differences between these ports according to BC1.2 .
Table 1. Operating Modes
MAXIMUM ALLOWABLE CURRENT DRAW
PORT TYPE
SUPPORTS USB 2.0 COMMUNICATION
BY PORTABLE EQUIPMENT (A)
SDP (USB 2.0)
Yes
0.5
CDP
Yes
1.5
DCP
No
1.5
BC1.2 defines the protocol necessary to allow portable equipment to determine what type of port it is connected
to so that it can allot its maximum allowable current draw. The hand-shaking process has two steps. During step
one, the primary detection, the portable equipment outputs a nominal 0.6-V output on its D+ line and reads the
voltage input on its D- line. The portable device concludes it is connected to an SDP if the voltage is less than
the nominal data detect voltage of 0.3 V. The portable device concludes that it is connected to a Charging Port if
the D- voltage is greater than the nominal data detect voltage of 0.3 V and less than 0.8 V. The second step, the
secondary detection, is necessary for portable equipment to determine between a CDP and a DCP. The portable
device outputs a nominal 0.6 V output on its D- line and reads the voltage input on its D+ line. The portable
device concludes it is connected to a CDP if the data line being read remains less than the nominal data detect
voltage of 0.3 V. The portable device concludes it is connected to a DCP if the data line being read is greater
than the nominal data detect voltage of 0.3V and less than 0.8 V.
24
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com