Electronic Components Datasheet Search
  English  ▼

X  

TPS62691 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62691
Description  500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62691 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62691 Datasheet HTML 9Page - Texas Instruments TPS62691 Datasheet HTML 10Page - Texas Instruments TPS62691 Datasheet HTML 11Page - Texas Instruments TPS62691 Datasheet HTML 12Page - Texas Instruments TPS62691 Datasheet HTML 13Page - Texas Instruments TPS62691 Datasheet HTML 14Page - Texas Instruments TPS62691 Datasheet HTML 15Page - Texas Instruments TPS62691 Datasheet HTML 16Page - Texas Instruments TPS62691 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
0
25
50
75
100
125
150
175
200
225
250
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
V -InputVoltage-V
I
T =25°C
A
T =85°C
A
T =-40°C
A
75
100
125
150
175
200
225
250
275
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
V -InputVoltage-V
I
T =25°C
A
T =85°C
A
T =-40°C
A
MODE = Low
V = 3.6 V,
V
= 2.85 V,
I
I
O
O = 150 mA
MODE = Low
V = 3.6 V, V
= 2.85V, I
I
O
O = 60 mA
TPS62690
TPS62691
TPS62697
www.ti.com
SLVS965B
– MARCH 2011 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS (continued)
P-CHANNEL rDS(ON)
N-CHANNEL rDS(ON)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 25.
Figure 26.
PWM OPERATION
POWER-SAVE MODE OPERATION
Figure 27.
Figure 28.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS62690 TPS62691 TPS62697



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com