Electronic Components Datasheet Search
  English  ▼

X  

TPS62691 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS62691
Description  500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62691 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62691 Datasheet HTML 17Page - Texas Instruments TPS62691 Datasheet HTML 18Page - Texas Instruments TPS62691 Datasheet HTML 19Page - Texas Instruments TPS62691 Datasheet HTML 20Page - Texas Instruments TPS62691 Datasheet HTML 21Page - Texas Instruments TPS62691 Datasheet HTML 22Page - Texas Instruments TPS62691 Datasheet HTML 23Page - Texas Instruments TPS62691 Datasheet HTML 24Page - Texas Instruments TPS62691 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MODE
ENABLE
C
I
L
V
IN
C
O
V
OUT
GND
J(MAX)
A
D(MAX)
JA
T
- T
105 C - 85 C
P
=
=
= 160mW
R
125 C/W
q
°
°
°
TPS62690
TPS62691
TPS62697
www.ti.com
SLVS965B
– MARCH 2011 – REVISED JANUARY 2012
LAYOUT CONSIDERATIONS
As for all switching power supplies, the layout is an important step in the design. High-speed operation of the
TPS6269x devices demand careful attention to PCB layout. Care must be taken in board layout to get the
specified performance. If the layout is not carefully done, the regulator could show poor line and/or load
regulation, stability and switching frequency issues as well as EMI problems. It is critical to provide a low
inductance, impedance ground path. Therefore, use wide and short traces for the main current paths.
The input capacitor should be placed as close as possible to the IC pins as well as the inductor and output
capacitor. In order to get an optimum ESL step, the output voltage feedback point (FB) should be taken in the
output capacitor path, approximately 1mm away for it. The feed-back line should be routed away from noisy
components and traces (e.g. SW line).
Figure 36. Suggested Layout (Top)
THERMAL INFORMATION
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependant issues such as thermal coupling, airflow, added
heat sinks, and convection surfaces, and the presence of other heat-generating components, affect the
power-dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are listed below:
•
Improving the power dissipation capability of the PCB design
•
Improving the thermal coupling of the component to the PCB
•
Introducing airflow into the system
The maximum recommended junction temperature (TJ) of the TPS6269x devices is 105°C. The thermal
resistance of the 6-pin CSP package (YFF-6) is RθJA = 125°C/W. Regulator operation is specified to a maximum
steady-state ambient temperature TA of 85°C. Therefore, the maximum power dissipation is about 160 mW.
(3)
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS62690 TPS62691 TPS62697



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com