Electronic Components Datasheet Search
  English  ▼

X  

TPS65145 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65145
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65145 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65145 Datasheet HTML 13Page - Texas Instruments TPS65145 Datasheet HTML 14Page - Texas Instruments TPS65145 Datasheet HTML 15Page - Texas Instruments TPS65145 Datasheet HTML 16Page - Texas Instruments TPS65145 Datasheet HTML 17Page - Texas Instruments TPS65145 Datasheet HTML 18Page - Texas Instruments TPS65145 Datasheet HTML 19Page - Texas Instruments TPS65145 Datasheet HTML 20Page - Texas Instruments TPS65145 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
CC = 1 nF
TPS65140, TPS65141
TPS65145
www.ti.com
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
Figure 19. CC = 1 nF
Lastly, Rc needs to be selected. A good practice is to use a 50-kΩ potentiometer and adjust the potentiometer for
the best load transient where no oscillations should occur. These tests have to be done at the highest Vin and
highest load current because the converter stability is most critical under these conditions. Figure 20, Figure 21,
and Figure 22 show the fine tuning of the loop with Rc.
Figure 20. Overcompensated (Damped Oscillation), RC Is Too Large
Figure 21. Undercompensated (Loop Is Too Slow), RC Is Too Small
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS65140 TPS65141 TPS65145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com