Electronic Components Datasheet Search
  English  ▼

X  

TPS65145 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65145
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65145 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65145 Datasheet HTML 1Page - Texas Instruments TPS65145 Datasheet HTML 2Page - Texas Instruments TPS65145 Datasheet HTML 3Page - Texas Instruments TPS65145 Datasheet HTML 4Page - Texas Instruments TPS65145 Datasheet HTML 5Page - Texas Instruments TPS65145 Datasheet HTML 6Page - Texas Instruments TPS65145 Datasheet HTML 7Page - Texas Instruments TPS65145 Datasheet HTML 8Page - Texas Instruments TPS65145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
VIN
COMP
GND
EN
ENR
C1+
C1−
DRV
FB2
REF
FB4
BASE
SW
SW
FB1
SUP
C2+
C2−/MODE
OUT3
FB3
PG
PGND
PGND
GND
TPS65140
D1
System Power
Good
Q1
BCP68
D2
D3
R3
R4
R5
R6
C5
R2
R1
VI
2.7 V to 5.8 V
C3
22
µF
C13
10 nF
L1
4.2
µH
C1
0.22
µF
C12
0.22
µF
C6
0.22
µF
C11
100 nF
VI
C9
1
µF
VO4
3.3 V
C9
4.7
µF
C1
0.22
µF
VI
C4
22
µF
C7
0.22
µF
R7
33 k
Ω
VO3
Up to 30 V/20 mA
VO1
Up to 15 V/350 mA
VO2
Up to 12 V/20 mA
TPS65140, TPS65141
TPS65145
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATION CIRCUIT
ORDERING INFORMATION
PACKAGE(1) (2)
LINEAR REGULATOR
MINIMUM SWITCH
TA
PACKAGE
OUTPUT VOLTAGE
CURRENT LIMIT
TSSOP
QFN
MARKING
3.3 V
1.6 A
TPS65140PWP
TPS65140RGE
TPS65140
-40°C to 85°C
3.3 V
1.6 A
TPS65141PWP
TPS65141RGE
TPS65141
3.3 V
0.96 A
TPS65145PWP
TPS65145RGE
TPS65145
(1)
The PWP and RGE packages are available taped and reeled. Add an R suffix to the device type (TPS65100PWPR) to order the device
taped and reeled. The PWPR package has quantities of 2000 devices per reel, and the the RGER package has 3000 devices per reel.
Without the suffix, the PWP package only, is shipped in tubes with 60 devices per tube.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2003–2012, Texas Instruments Incorporated
Product Folder Links: TPS65140 TPS65141 TPS65145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com