Electronic Components Datasheet Search
  English  ▼

X  

TPS65145 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65145
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65145 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS65145 Datasheet HTML 14Page - Texas Instruments TPS65145 Datasheet HTML 15Page - Texas Instruments TPS65145 Datasheet HTML 16Page - Texas Instruments TPS65145 Datasheet HTML 17Page - Texas Instruments TPS65145 Datasheet HTML 18Page - Texas Instruments TPS65145 Datasheet HTML 19Page - Texas Instruments TPS65145 Datasheet HTML 20Page - Texas Instruments TPS65145 Datasheet HTML 21Page - Texas Instruments TPS65145 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
R3=R4x
=R4x
|VOUT|
|VOUT|
VREF
1.213
V
=-V
x
OUT
REF
=-1.213Vx
R
R
3
3
R
R
4
4
TPS65140, TPS65141
TPS65145
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
www.ti.com
Figure 22. Optimum, RC Is Ideal
Negative Charge Pump
The negative charge pump provides a regulated output voltage by inverting the main output voltage, VO1. The
negative charge pump output voltage is set with external feedback resistors.
The maximum load current of the negative charge pump depends on the voltage drop across the external
Schottky diodes, the internal on resistance of the charge pump MOSFETS Q8 and Q9, and the impedance of the
flying capacitor, C12. When the voltage drop across these components is larger than the voltage difference from
VO1 to VO2, the charge pump is in drop out, providing the maximum possible output current. Therefore, the
higher the voltage difference between VO1 and VO2, the higher the possible load current. See Figure 12 for the
possible output current versus boost converter voltage VO1 and the calculations below.
Voutmin = -(VO1 - 2 VD - IO (2 x rDS(on)Q8 + 2 x rDS(on)Q9 + Xcfly))
Setting the output voltage:
(1)
(2)
The lower feedback resistor value, R4, should be in a range between 40 k
Ω to 120 kΩ or the overall feedback
resistance should be within 500 k
Ω to 1 MΩ. Smaller values load the reference too heavy and larger values may
cause stability problems. The negative charge pump requires two external Schottky diodes. The peak current
rating of the Schottky diode has to be twice the load current of the output. For a 20 mA output current, the dual
Schottky diode BAT54 or similar is a good choice.
Positive Charge Pump
The positive charge pump can be operated in a voltage doubler mode or a voltage tripler mode depending on the
configuration of the C2+ and C2-/MODE pins. Leaving the C2+ pin open and connecting C2-/MODE to GND
forces the positive charge pump to operate in a voltage doubler mode. If higher output voltages are required the
positive charge pump can be operated as a voltage tripler. To operate the charge pump in the voltage tripler
mode, a flying capacitor needs to be connected to C2+ and C2-/MODE.
The maximum load current of the positive charge pump depends on the voltage drop across the internal Schottky
diodes, the internal on-resistance of the charge pump MOSFETS, and the impedance of the flying capacitor.
When the voltage drop across these components is larger than the voltage difference VO1 x 2 to VO3 (doubler
mode) or VO1 x 3 to VO3 (tripler mode), then the charge pump is in dropout, providing the maximum possible
output current. Therefore, the higher the voltage difference between VO1 x 2 (doubler) or VO1 x 3 (tripler) to VO3,
the higher the possible load current. See Figure 13 and Figure 14 for output current versus boost converter
voltage, VO1, and the following calculations.
18
Submit Documentation Feedback
Copyright © 2003–2012, Texas Instruments Incorporated
Product Folder Links: TPS65140 TPS65141 TPS65145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com