Electronic Components Datasheet Search
  English  ▼

X  

ATC800R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATC800R
Description  RoHS Compliant / Lead-Free
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATC800R Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ATC 800 R Series NPO Ceramic Ultra-Low ESR Multilayer Capacitors
ATC 800 R Capacitance Values
For additional information and catalogs contact your ATC representative
or call direct at (+1-631) 622-4700.
Consult factory for additional performance data.
ATC accepts orders for our parts using designations with or without the “ATC”
prefix. Both methods of defining the part number are equivalent, i.e., part numbers
referenced with the “ATC” prefix are interchangeable to parts referenced without the
“ATC” prefix. Customers are free to use either in specifying or procuring parts from
American Technical Ceramics.
2
VRMS = 0.707 X WVDC
SPECIAL VALUES, TOLERANCES, HIGHER WVDC AND MATCHING AVAILABLE. PLEASE CONSULT FACTORY.
ATC PART NUMBER CODE
ATC800 R 10 0
J
T
500
X
T
Series
Case Size
Capacitance Code:
First 2 significant digits for capacitance.
R=Decimal Point
Indicates number of zeros following digits
of capacitance in picofarads except for decimal values.
Capacitance Tolerance
Packaging
TV - Electrodes in vertical orientation
Tape and Reel, 500 and 1000 pc. qty.*
I - Special Packaging. Consult Factory.
*Consult ATC for other quantities
CAPACITANCE TOLERANCE
Code
B
C
D
G
J
K
M
Tol.
±0.1 pF ±0.25 pF ±0.5 pF ±2% ±5%
±10%
±20%
The above part number refers to a 800 R Series (case size R) 10 pF capacitor, J tolerance (±5%), 500 WVDC, with T termination (Tin Plated over Nickel Barrier,
RoHS Compliant), laser marked, and tape and reel packaging.
**Laser Marking is optional.
WVDC
Termination Code
Laser Marking**
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
1R0
1R1
1R2
1R3
1R4
1R5
1R6
1R7
1R8
1R9
2R0
2R1
2R2
2R4
2R7
3R0
3R3
3R6
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.4
2.7
3.0
3.3
3.6
B, C, D
500
3R9
4R3
4R7
5R1
5R6
6R2
6R8
7R5
8R2
9R1
100
110
120
130
150
160
180
200
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
B, C, D
B, C, J,
K, M
G, J
K, M
500
220
240
270
300
330
360
390
430
470
510
560
620
680
750
820
910
101
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
G, J
K, M
500
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com