Electronic Components Datasheet Search
  English  ▼

X  

ATC800R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATC800R
Description  RoHS Compliant / Lead-Free
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATC800R Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ATC#001-1029Rev.J;6/13
ATC 800 R Series
NPO Ceramic, High RF Power
Lowest ESR
Multilayer Capacitors
ATC’s 800 R Series offers superb performance in demanding high RF
power applications requiring consistent and reliable operation. The
combination of optimized case geometry, highly conductive electrode
formulations and proprietary dielectrics, yields the lowest ESR and
superior heat transfer. ATC’s new NPO low loss rugged dielectrics are
designed to provide superior heat transfer in high RF power applications.
Ultra-low ESR and superior thermal performance ensure that the 800 R
Series products are your best choice for high RF power applications from
UHF through microwave frequencies.
Typical applications: WiMAX/ LTE*, Homeland Security / Public Safety
Radio (APCO-25), Satellite Systems, Avionics, Digital HD FM Transmitters,
Digital HDTV Transmitters, Microwave Communications and Medical
Electronics.
Typical circuit applications: High RF Power Filter Networks, Combiners,
Couplers, Matching Networks, Output Coupling, Antenna Coupling, and
DC Blocking and Bypassing.
* Long term evolution
ENVIRONMENTAL TESTS
ATC 800 R Series Capacitors are designed and manufactured to meet and
exceed the requirements of EIA-198, MIL-PRF-55681 and MIL-PRF-123.
THERMAL SHOCK:
MIL-STD-202, Method 107, Condition A
MOISTURE RESISTANCE:
MIL-STD-202, Method 106
LOW VOLTAGE HUMIDITY:
MIL-STD-202, Method 103, Condition A, with 1.5 Volts D.C. applied while
subjected to an environment of 85°C with 85% relative humidity for 240
hours min.
LIFE TEST:
MIL-STD-202, Method 108, for 2000 hours, at 125°C
200% WVDC applied
ELECTRICAL AND MECHANICAL
SPECIFICATIONS
QUALITY FACTOR (Q):
2,000 @ 1 MHz
TEMPERATURE COEFFICIENT OF CAPACITANCE (TCC):
0 ±30 PPM/°C (-55°C to +125°C)
INSULATION RESISTANCE (IR):
1 pF to 100 pF:
105 Megohms min. @ +25°C at rated WVDC
104 Megohms min. @ +125°C at rated WVDC
WORKING VOLTAGE (WVDC): 500 WVDC
DIELECTRIC WITHSTANDING VOLTAGE (DWV):
Case R: 250% of rated WVDC for 5 secs
AGING EFFECTS: None
PIEZOELECTRIC EFFECTS: None
(No capacitance variation with voltage or pressure)
CAPACITANCE DRIFT: ±(0.02% or 0.02 pF), whichever is greater
OPERATING TEMPERATURE RANGE:
From -55°C to +125°C
TERMINATION STYLES: RoHS Compliant and Solder Plate
See Mechanical Configurations, page 3
TERMINAL STRENGTH: Terminations for chips withstand a pull of 5
lbs. min., 15 lbs. typical, for 5 seconds in direction perpendicular to the
termination surface of the capacitor. Test per MIL-STD-202, Method 211.
• Capacitance Range
1 pF to 100 pF
• Optimized for lowest ESR
and superior heat transfer
• Capable of highest
RF Power
• RoHS Compliant / Lead-Free
• Case R Size
(.070" x .090")
• Rugged, reliable
NPO dielectric
• Optimized for highest
self resonant frequency
ISO 9001
REGISTERED
COMPANY


Similar Part No. - ATC800R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
RoHS Compliant / Lead Free
logo
RF Micro Devices
ATC800A0R2BT RFMD-ATC800A0R2BT Datasheet
871Kb / 10P
280W GaN Wideband Pulsed Power Amplifier
ATC800A0R3BT RFMD-ATC800A0R3BT Datasheet
1Mb / 14P
120W GaN WIDEBAND POWER AMPLIFIER
ATC800A0R5BT RFMD-ATC800A0R5BT Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
ATC800A0R7BT RFMD-ATC800A0R7BT Datasheet
1Mb / 14P
30W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - ATC800R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
RoHS Compliant / Lead Free
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
RoHS Compliant / Lead-Free
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
RoHS Compliant, lead-free
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
RoHS compliant and lead free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
RoHS Compliant, lead-free
logo
Astrodyne Corporation
NV300-3LF ASTRODYNE-NV300-3LF Datasheet
529Kb / 4P
Lead-Free / RoHS Compliant Design
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
RoHS Compliant, lead-free
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
Lead-Free and RoHS Compliant
Rev 0; 8/08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com