Electronic Components Datasheet Search
  English  ▼

X  

ATC800R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATC800R
Description  RoHS Compliant / Lead-Free
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATC800R Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800R Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
3
ATC 800 R Capacitors: Mechanical Configurations
ATC
SERIES
& CASE
SIZE
ATC
TERM.
CODE
CASE SIZE
& TYPE
OUTLINES
W/T IS A
TERMINATION SURFACE
BODY DIMENSIONS
Inches (mm)
LENGTH
(L)
WIDTH
(W)
THICKNESS
(T)
OVERLAP
(Y)
MATERIALS
LEAD AND TERMINATION
DIMENSIONS AND MATERIALS
800R
T
R
Solderable Nickel
Barrier
.070 ±.015
(1.78 ±0.38)
.090 ±.010
(2.29 ±0.25)
.115
(2.92)
max.
.010
+.010 - .005
(0.25
+0.25 - 0.13)
RoHS Compliant
Tin Plated over
Nickel Barrier Termination
LW
T
Y
800R
W
R
Solder Plate
.070 ±.015
(1.78 ±0.38)
.090 ±.010
(2.29 ±0.25)
.115
(2.92)
max.
.010
+.010 - .005
(0.25
+0.25 - 0.13)
Tin/Lead, Solder Plated over
Nickel Barrier Termination
L
W
T
Y
ATC 800 R Non-Magnetic Capacitors: Mechanical Configurations
ATC
SERIES
& CASE
SIZE
ATC
TERM.
CODE
CASE SIZE
& TYPE
OUTLINES
W/T IS A
TERMINATION SURFACE
BODY DIMENSIONS
Inches (mm)
LENGTH
(L)
WIDTH
(W)
THICKNESS
(T)
OVERLAP
(Y)
MATERIALS
LEAD AND TERMINATION
DIMENSIONS AND MATERIALS
800R
TN
R
Non-Mag
Solderable Barrier
.070 ±.015
(1.78 ±0.38)
.090 ±.010
(2.29 ±0.25)
.115
(2.92)
max.
.010
+.010 - .005
(0.25
+0.25 - 0.13)
RoHS Compliant
Tin Plated over
Non-Magnetic Barrier Termination
LW
T
Y
ATC 800 R Series NPO Ceramic Ultra-Low ESR Multilayer Capacitors
L
T
W
L
Suggested Mounting Pad Dimensions
Dimensions are in inches.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com