Electronic Components Datasheet Search
  English  ▼

X  

IXGF25N250 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGF25N250
Description  High Voltage IGBT For Capacitor Discharge Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGF25N250 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGF25N250 Datasheet HTML 1Page - IXYS Corporation IXGF25N250 Datasheet HTML 2Page - IXYS Corporation IXGF25N250 Datasheet HTML 3Page - IXYS Corporation IXGF25N250 Datasheet HTML 4Page - IXYS Corporation IXGF25N250 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXGF25N250
IXYS REF: G_25N250(5P-P528)4-21-08-E
Fig. 1. Output Characteristics
@ 25ºC
0
15
30
45
60
75
90
105
120
135
150
01234
5678
VCE - Volts
VGE = 25V
20V
10V
15V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
25
50
75
100
125
150
175
200
225
250
02468
10
12
14
16
18
20
VCE - Volts
VGE = 25V
20V
15V
10V
Fig. 3. Output Characteristics
@ 125ºC
0
20
40
60
80
100
120
140
160
180
200
0246
8
10
12
14
16
VCE - Volts
VGE = 25V
20V
10V
15V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 150A
I C = 100A
I C = 50A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
3
4
5
6
7
8
9
10
7
8
9
10
11
12
13
14
15
16
17
VGE - Volts
I C = 150A
VGE = 15V
I C = 100A
I C = 50A
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
180
200
45
678
9
10
11
12
13
VGE - Volts
TJ = - 40ºC
25ºC
125ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com