Electronic Components Datasheet Search
  English  ▼

X  

IXGF25N250 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGF25N250
Description  High Voltage IGBT For Capacitor Discharge Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGF25N250 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGF25N250 Datasheet HTML 1Page - IXYS Corporation IXGF25N250 Datasheet HTML 2Page - IXYS Corporation IXGF25N250 Datasheet HTML 3Page - IXYS Corporation IXGF25N250 Datasheet HTML 4Page - IXYS Corporation IXGF25N250 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGF25N250
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.10
1.00
10.00
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 7. Transconductance
0
3
6
9
12
15
18
21
24
27
30
33
36
0
20
40
60
80
100
120
140
160
180
200
IC - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
1020
30
4050
60
7080
QG - NanoCoulombs
VCE = 1250V
I C = 50A
I G = 10 mA
Fig. 9. Reverse-Bias Safe Operating Area
0
40
80
120
160
200
240
280
250
500
750
1000
1250
1500
1750
2000
2250
2500
VCE - Volts
TJ = 125ºC
RG = 10Ω
dV / dt < 10V / ns
Fig. 10. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com