Electronic Components Datasheet Search
  English  ▼

X  

AS1119 Datasheet(PDF) 12 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 12 Page - ams AG

Back Button AS1119 Datasheet HTML 8Page - ams AG AS1119 Datasheet HTML 9Page - ams AG AS1119 Datasheet HTML 10Page - ams AG AS1119 Datasheet HTML 11Page - ams AG AS1119 Datasheet HTML 12Page - ams AG AS1119 Datasheet HTML 13Page - ams AG AS1119 Datasheet HTML 14Page - ams AG AS1119 Datasheet HTML 15Page - ams AG AS1119 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
11 - 30
AS1119
Datasheet - Detailed Descr i pti on
acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the
data line HIGH to enable the master to generate the STOP condition.
- Figure 15 on page 10 details how data transfer is accomplished on the I²C bus. Depending upon the state of the
R/W bit, two types of data transfer are possible:
- Master Transmitter to Slave Receiver. The first byte transmitted by the master is the slave address, followed by
a number of data bytes. The slave returns an acknowledge bit after the slave address and each received byte.
- Slave Transmitter to Master Receiver. The first byte, the slave address, is transmitted by the master. The slave
then returns an acknowledge bit. Next, a number of data bytes are transmitted by the slave to the master. The
master returns an acknowledge bit after all received bytes other than the last byte. At the end of the last received
byte, a not-acknowledge is returned. The master device generates all of the serial clock pulses and the START
and STOP conditions. A transfer is ended with a STOP condition or a repeated START condition. Since a
repeated START condition is also the beginning of the next serial transfer, the bus will not be released.
The AS1119 can operate in the following slave modes:
- Slave Receiver Mode. Serial data and clock are received through SDA and SCL. After each byte is received, an
acknowledge bit is transmitted. START and STOP conditions are recognized as the beginning and end of a serial
transfer. Address recognition is performed by hardware after reception of the slave address and direction bit.
- Slave Transmitter Mode. The first byte (the slave address) is received and handled as in the slave receiver
mode. However, in this mode the direction bit will indicate that the transfer direction is reversed. Serial data is
transmitted on SDA by the AS1119 while the serial clock is input on SCL. START and STOP conditions are recog-
nized as the beginning and end of a serial transfer.
I²C Device Address Byte
The address byte (see Figure 16) is the first byte received following the START condition from the master device.
Figure 16. I²C Device Address Byte
- The bit 1 and bit 2 of the address byte are the device select pins AD0 and AD1, which must be set to VDD or to
GND. A maximum of four devices with the same pre-set code can therefore be connected on the same bus at
one time.
- The last bit of the address byte (R/W) define the operation to be performed. When set to a 1 a read operation is
selected; when set to a 0 a write operation is selected.
Following the START condition, the AS1119 monitors the I²C bus, checking the device type identifier being transmitted. Upon receiving the
address code, and the R/W bit, the slave device outputs an acknowledge signal on the SDA line.
Command Byte
The AS1119 operation, (see Table 15 on page 21) is determined by a command byte (see Table 17).
Figure 17. Command Byte
0
1
1
1
0
AD1
AD0
R/W
MSB
65
432
1
LSB
address:
A7
A6
A5
A4
A3
A2
A1
A0
MSB
65
432
1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com