Electronic Components Datasheet Search
  English  ▼

X  

AS1119 Datasheet(PDF) 27 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 27 Page - ams AG

Back Button AS1119 Datasheet HTML 23Page - ams AG AS1119 Datasheet HTML 24Page - ams AG AS1119 Datasheet HTML 25Page - ams AG AS1119 Datasheet HTML 26Page - ams AG AS1119 Datasheet HTML 27Page - ams AG AS1119 Datasheet HTML 28Page - ams AG AS1119 Datasheet HTML 29Page - ams AG AS1119 Datasheet HTML 30Page - ams AG AS1119 Datasheet HTML 31Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
26 - 30
AS1119
Datasheet - Regi s t er Description
Open/Short Test Register (0x09)
The AS1119 can detect open and shorted LEDs. To start this test the according bits have to be set. The result of the open/short test is written in
the Open/Short staturs register (see Table 26). The default setting of this register is 0x00.
The Open/Short test is only checking LEDs which are defined as ON in the Data Frame Registers Table 8 on page 14 or Table 12 on
page 18
. With the bit1 (Full Matrix) all LEDs of the matrixes will be defined as ON and will be tested intependently from the content of the Data
Frame Register. The function of bit1 is only available during the open/short test and not during normal operation.
Shutdown Register (0x0A)
The default setting of this register is 0x00. To get the AS1119 operational the bit D0 has to be set to ‘1’.
I²C Interface Monitoring Register (0x0B)
This register is used to monitor the activity on the I²C bus. If a deadlock situation occurs (e.g. the bus SDA pin is pulled to low and no communi-
cation is possible) the chip will reset the I²C interface and the master is able to start the communication again.
The time window for the reset of the interface of the AS1119 can bes set via 7 bits from 256µs to 33ms. The default setting of this register is
0xFF.
Table 23. Open/Short Test Register Format
0x09 Open/Short Test Register
Bit
Bit Name
Default
Access
Bit Description
7:2
-
000000
n/a
1
Full Matrix
0
R/W
0: all LED’s are available in the matrixes
1: not all LED’s are available in the matrixes
0
Error detection
0
R/W
0: start test
1: no test
Table 24. Shutdown Register Format
0x0A Shutdown Register
Bit
Bit Name
Default
Access
Bit Description
7:1
-
0000000
n/a
0
shutdown
0
R/W
0: shutdown
1: normal operation
Table 25. I²C Interface Monitoring Register Format
0x0B I²C Interface Monitoring Register
Bit
Bit Name
Default
Access
Bit Description
7:2
Time out window
1111111
R/W
0 to 127 => 1 to 128x256µs
0000000: 256µs
........
1111111: 32.7ms
0
I²C Monitor
1
R/W
0: I²C monitoring off
1: I²C monitoring on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com