Electronic Components Datasheet Search
  English  ▼

X  

AS1119 Datasheet(PDF) 26 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 26 Page - ams AG

Back Button AS1119 Datasheet HTML 22Page - ams AG AS1119 Datasheet HTML 23Page - ams AG AS1119 Datasheet HTML 24Page - ams AG AS1119 Datasheet HTML 25Page - ams AG AS1119 Datasheet HTML 26Page - ams AG AS1119 Datasheet HTML 27Page - ams AG AS1119 Datasheet HTML 28Page - ams AG AS1119 Datasheet HTML 29Page - ams AG AS1119 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
25 - 30
AS1119
Datasheet - Regi s t er Description
Current Source Block A, B, C Registers (0x05, 0x06, 0x07)
Within this registers the current for every single LED in one block can be set from 0mA to 31mA in 255 steps (8 bits). Per default this register is
set to 0x00.
Charge Pump Config Register (0x08)
In this register the characteristics of the Charge Pump can be set. By the use of the charge pump (bit 0) the supply voltage for the LEDs can be
boosted to 1.5- or 2-times of the device supply (VDD), if required. Additionally bit1 offers the option to check periodically if the LED supply can be
reduced again during operation. This period is defined by bit 4:2.
Alternatively, the LED supply can be (re)set to VDD by disabling the charge pump for a short time. In this case the period can be defined by user
(application). Per default this register is set to 0x1E.
Table 21. Current Sourcer Register Format
Current Source Registers
Bit
Bit Name
Default
Access
Bit Description
Address 0x05
7:0
Analog Current
Matrix A
0000000
R/W
00000000: 0mA
..........
11111111: 31mA
Address 0x06
7:0
Analog Current
Matrix B
0000000
R/W
00000000: 0mA
..........
11111111: 31mA
Address 0x07
7:0
Analog Current
Matrix C
0000000
R/W
00000000: 0mA
..........
11111111: 31mA
Table 22. AS1119 Config Register Format
0x08 Charge Pump Config Register
Bit
Bit Name
Default
Access
Bit Description
7:5
-
000
n/a
4:2
Timeframe for reduce
supply test
111
R/W
000: 0.3s
001: 0.5s
010: 0.8s
011: 1.0s
100: 1.3s
101: 1.6s
110: 1.8s
111: 2.1s
1
Reduce supply option
1
R/W
0: reduce supply option off
1: reduce supply option on
0
Charge Pump
0
R/W
0: Charge Pump disable
1: Charge Pump enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com