Electronic Components Datasheet Search
  English  ▼

X  

AS1121 Datasheet(PDF) 12 Page - ams AG

Part # AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Datasheet(HTML) 12 Page - ams AG

Back Button AS1121 Datasheet HTML 8Page - ams AG AS1121 Datasheet HTML 9Page - ams AG AS1121 Datasheet HTML 10Page - ams AG AS1121 Datasheet HTML 11Page - ams AG AS1121 Datasheet HTML 12Page - ams AG AS1121 Datasheet HTML 13Page - ams AG AS1121 Datasheet HTML 14Page - ams AG AS1121 Datasheet HTML 15Page - ams AG AS1121 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
11 - 21
AS1121
Datasheet - Detailed Descr i pti on
Overtemperature Error/Warning Flags
The AS1121 provides a overtemperature circuit to indicate that the device is in an overtemperature condition. If the device junction temperature
(TJ) exceeds the threshold temperature (150°C typ), the overtemperature circuit trips and pulls XERR to ground. The overtemperature flag sta-
tus can be read out from the AS1121 status register.
To prevent an overtemperature condition the AS1121 offers an temperature warning flag at 125°C typical. This flag can be used to take precau-
tions (e.g. start an external cooling) against a overtemperature condition.
Open LED Detection
The AS1121 integrated open LED detection circuit reports an error if any of the 16 LEDs is open or disconnected from the circuit. The open LED
detection circuit trips when the error detection is activated and the voltage at OUTn is less than VLOD.
Note:
The voltage at each OUTn is sampled 1 µs after being switched on. Please refer to Figure 18 on page 11.
The open LED detection circuit also pulls XERR to GND when tripped. The open LED status of each channel can also be read out from the
AS1121 status information data (SID) during a greyscale data input cycle.
Figure 18. Error Detection Timing (GS=FFFFHEX, DC=3FHEX)
Note:
The rising edge of LD latches new data into the internal registers depending on the logic level of the pin MODE. If the pin MODE is tied
GND, the greyscale registers are updated. If the pin MODE is tied to VCC, the dot correction registers are updated.
Table 6. XERR Truth Table
Error Condition
Error Information
Selected Mode
Status
Temp.
OUTn Voltage
Thermal
Error Flag
Thermal
Warning
Flag
Open LED
Detect
OEN
Mode XERR
O
p
e
n
TJ < TTEF
OUTn > VLOD
0
Don't Care
0
0
0
1
normal
OUTn < VLOD
0
Don't Care
1
0
0
0
open error
TJ > TTEF
OUTn > VLOD
1
Don't Care
0
0
0
0
temp. error
OUTn < VLOD
1Don't Care
1
0
0
0
open & temp.
error
T
e
m
p
TJ > TTEF
Don't Care
0
Don't Care
Don't Care
1
0
1
normal
TJ < TTEF
Don't Care
1
Don't Care
Don't Care
1
0
0
temp error
TJ > TTWF
Don't Care
Don't Care
0
Don't Care
1
1
1
normal
TJ < TTWF
Don't Care
Don't Care
1
Don't Care
1
1
0
temp. warn
LD
OEN
GSCLK
SID
tERR
LODn
LODn+1
Error
Detection
Start
Error
Detection
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com