Electronic Components Datasheet Search
  English  ▼

X  

AS1121 Datasheet(PDF) 5 Page - ams AG

Part # AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Datasheet(HTML) 5 Page - ams AG

  AS1121 Datasheet HTML 1Page - ams AG AS1121 Datasheet HTML 2Page - ams AG AS1121 Datasheet HTML 3Page - ams AG AS1121 Datasheet HTML 4Page - ams AG AS1121 Datasheet HTML 5Page - ams AG AS1121 Datasheet HTML 6Page - ams AG AS1121 Datasheet HTML 7Page - ams AG AS1121 Datasheet HTML 8Page - ams AG AS1121 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
4 - 21
AS1121
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
VCC = +3.1V to +3.6V, Typical values are at TAMB = +25°C, VCC = 3.3V (unless otherwise specified). All limits are guaranteed. The parameters
with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods..
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
Input Supply
VCC
Supply Voltage
3.1
3.6
V
ICC
Supply Current
All outputs off, RIREF = 1k
Ω
8.5
15
mA
All outputs on, RIREF = 1k
Ω
15
20
All outputs off, RIREF = 10k
Ω
24
All outputs on, RIREF = 10k
Ω
35
I
Input Current
VIN = VCC or GND;
Pins OEN, GSCLK, CLK, SDI, LD, PD
-1
1
µA
VIN = VCC; pin MODE
50
VIN = GND; pin MODE
-1
1
IPD
Power Down Current
40
nA
Output
VOUT
Voltage Applied to Output
(OUT0:OUT15)
1.5
30
V
ICOC
Constant Output Current
All outputs on, VOUT = 1.5V,
RIREF = 1k
Ω
36
40
44
mA
ΔICOC
Constant Output Current Error
VOUT = 1.5V, RIREF = 1k
Ω, OUT0:OUT15
±1
%
VOUT = 1.5V, RIREF = 10k
Ω, OUT0:OUT15
±1.5
Device to device, average current from
OUT0:OUT15, RIREF = 1k
Ω
±1
Device to device, average current from
OUT0:OUT15, RIREF = 10k
Ω
±1
ILEAK
Leakage Output Current
All outputs off, VOUT = 30V,
RIREF = 1k
Ω, OUT0:OUT15
20
nA
ΔILNR
Line Regulation
VOUT = 1V, RIREF = 1k
Ω OUT0:OUT15
±1
±2.5
%/V
VOUT = 1V, RIREF = 10k
Ω OUT0:OUT15
±0.2
±2.5
ΔILDR
Load Regulation
VOUT = 1.5V to 4V, RIREF = 1k
Ω,
OUT0:OUT15
±0.1
±0.4
%/V
VOUT = 1.5V to 4V, RIREF = 10k
Ω,
OUT0:OUT15
±0.01
±0.4
Logic Levels
VIH
High-Level Input Voltage
0.8 x
VCC
VCC
V
VIL
Low-Level Input Voltage
GND
0.2 x
VCC
V
VOH
High-Level Output Voltage
IOH = -1mA, SDO
VCC -0.5
V
VOL
Low-Level Output Voltage
IOL = 1mA, SDO, XERR
0.5
V
IOH
High-Level Output Current
VCC = 5 V at SDO
-1.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com