Electronic Components Datasheet Search
  English  ▼

X  

AS1121 Datasheet(PDF) 15 Page - ams AG

Part # AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Datasheet(HTML) 15 Page - ams AG

Back Button AS1121 Datasheet HTML 11Page - ams AG AS1121 Datasheet HTML 12Page - ams AG AS1121 Datasheet HTML 13Page - ams AG AS1121 Datasheet HTML 14Page - ams AG AS1121 Datasheet HTML 15Page - ams AG AS1121 Datasheet HTML 16Page - ams AG AS1121 Datasheet HTML 17Page - ams AG AS1121 Datasheet HTML 18Page - ams AG AS1121 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
14 - 21
AS1121
Datasheet - Detailed Descr i pti on
Setting Greyscale Brightness
The brightness of each channel output can be adjusted using a 12 bits-per-channel PWM control scheme which results in 4096 brightness steps,
from 0% to 100% brightness. The brightness level for each output is calculated as:
Where:
GSn is the programmed greyscale value for OUTn (GSn = 0 to 4095);
n = 0 to 15 greyscale data for all outputs.
The device powers up with the following default seetings: GS = 4095 and DC = 63.
The input shift register shifts greyscale data into the greyscale register for all channels simultaneously. The complete greyscale data format con-
sists of 16 x 12 bit words, which forms a 192-bit wide data packet (see Figure 21).
Note:
The data packet must be clocked in with the MSB first.
Figure 21. Greyscale Data Packet Format
When pin MODE is tied to GND, the AS1121 enters greyscale data input mode. The device switches the input shift register to 192-bit width. After
all data is clocked in, the rising edge of the LD signal latches the data into the greyscale register (see Figure 22).
All greyscale data in the input shift register is replaced with status information data (SID) after latching into the greyscale register.
Figure 22. Greyscale Data Input Timing Diagram
%Brightness =
GSn
4095
(EQ 4)
x 100
GS15.11
MSB
191
GS0.0
GS0.11
GS1.0
GS14.11
GS15.0
LSB
GS OUT0
GS OUT14:GS OUT1
...
...
...
GS OUT15
180
179
12
11
0
DCn-1
MSB
DCn-1
MSB-1
x
x
SIDn
MSB
SIDn
MSB-1
SIDn
MSB-2
SIDn
LSB
GSn
LSB
GSn
MSB
DCn-1
LSB
GSn+1
MSB
GSn+1
LSB
MODE
LD
SDI
CLK
SDO
1st Greyscale Mode
Data Input Cycle After Dot Correction Input
Following Greyscale Mode
Data Input Cycle
Dot Correction Mode
Data Input Cycle
tSU3
tH2
tH3
tSU1
tSU2
tH3
96
1
192
1
192
x
SIDn
MSB
tH0
tPD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com