Electronic Components Datasheet Search
  English  ▼

X  

AS1324 Datasheet(PDF) 10 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 10 Page - ams AG

Back Button AS1324 Datasheet HTML 6Page - ams AG AS1324 Datasheet HTML 7Page - ams AG AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG AS1324 Datasheet HTML 10Page - ams AG AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
10 - 21
AS1324
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
The AS1324 is perfect for mobile communications equipment like cell phones and smart phones, digital cameras and camcorders, portable MP3
and DVD players, PDA’s and palmtop computers and any other handheld instruments.
Figure 22. Single Li-Ion 1.2V/600mA Regulator for High-Efficiency
Figure 23. 5V Input to 3.3V/600mA Buck Regulator
Figure 24. Single Li-Ion 1.5V/600mA Regulator for High-Efficiency
AS1324
COUT
10µF
CIN
2.2µF
VIN
2.7 to 4.2V
VOUT
1.2V
600mA
4.7µH
301k
Ω
22pF
301k
Ω
R2
R1
3
SW
4
VIN
1
EN
5
VFB
GND
2
COUT
10µF
CIN
4.7µF
VIN
5V
VOUT
3.3V
600mA
4.7µH
66.5k
Ω
22pF
301k
Ω
R2
R1
AS1324
3
SW
4
VIN
1
EN
5
VFB
GND
2
COUT
10µF
CIN
4.7µF
VIN
2.7 to 4.2V
VOUT
1.5V
600mA
4.7µH
AS1324-15
3
SW
4
VIN
1
EN
5
VOUT
GND
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com