Electronic Components Datasheet Search
  English  ▼

X  

AS1324 Datasheet(PDF) 15 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 15 Page - ams AG

Back Button AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG AS1324 Datasheet HTML 17Page - ams AG AS1324 Datasheet HTML 18Page - ams AG AS1324 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
15 - 21
AS1324
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.9 Design Example
Figure 28 shows the AS1324 used in a single lithium-ion (3.7V typ) battery-powered mobile phone application. The load current requirement is
600mA (max) but most of the time the device will require only 2mA (standby mode current).
Figure 28. Design Example
For the circuit shown in Figure 28, efficiency at low- and high-load currents is an important consideration when selecting the value for the
external inductor, which is calculated as:
From (EQ 14), substituting VOUT = 2.2V, VIN = 3.7V,
∆IL = 240mA and f = 1.5MHz gives:
Therefore, a standard 2.2µH inductor should be used for this design.
For best overall efficiency use an inductor with a rating of 720mA or greater and less than 0.2
Ω series resistance. CIN will require an RMS
current rating of at least 0.3A
≅ ILOAD(MAX)/2, whereas COUT will require an ESR of less than 0.25Ω. In most cases, a ceramic capacitor will
satisfy this requirement.
For the feedback resistors, select the value for R1 = 375k
Ω. R2 can then be calculated from (EQ 7) to be:
R2 = (VOUT/0.6 - 1)375k = 1000k
Ω
COUT
10µF
CER
CIN
4.7µF
CER
VIN
3.7V
VOUT
2.2V
2.2µH
375k
Ω
22pF
1M
Ω
R2
R1
AS1324
3
SW
4
VIN
1
EN
5
VFB
GND
2
(EQ 14)
L
V
OUT
f
∆I
L
--------------
1
V
OUT
V
IN
--------------
–
×
=
(EQ 15)
L
2,2V
1,5MHz
240mA
×
(
)
----------------------------------------------------
1
2,2V
3 7V
,
------------
–
×
2,48
µH
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com