Electronic Components Datasheet Search
  English  ▼

X  

AS1324 Datasheet(PDF) 12 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 12 Page - ams AG

Back Button AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG AS1324 Datasheet HTML 10Page - ams AG AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
12 - 21
AS1324
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 26. Efficiency Comparison of Different Inductors, VIN = 2.7V, VOUT = 1.8V and 1.2V
9.3 Output Capacitor Selection
The advanced fast-response voltage mode control scheme of the AS1324 allows the use of tiny ceramic capacitors. Because of their lowest
output voltage ripple low ESR ceramic capacitors are recommended. X7R or X5R dielectric output capacitor are recommended.
At high load currents, the device operates in PWM mode and the RMS ripple current is calculated as:
While operating in PWM mode the overall output voltage ripple is the sum of the voltage spike caused by the output capacitor ESR plus the
voltage ripple caused by charging and discharging the output capacitor:
Higher value, low cost ceramic capacitors are available in very small case sizes, and their high ripple current, high voltage rating, and low ESR
make them ideal for switching regulator applications. Because the AS1324 control loop is not dependant on the output capacitor ESR for stable
operation, ceramic capacitors can be used to achieve very low output ripple and accommodate small circuit size.
At light loads, the converter operates in powersave mode and the output voltage ripple is in direct relation to the output capacitor and inductor
value used. Larger output capacitor and inductor values minimize the voltage ripple in powersave mode and tighten DC output accuracy in
powersave mode.
Table 5. Recommended Inductors
Part Number
L
DCR
Current Rating
Dimensions (L/W/T)
Manufacturer
LQH32CN2R2M33
2.2µH
97m
Ω
790mA
3.2x2.5x2.0mm
Murata
www.murata.com
LQH32CN4R7M33
4.7µH
150m
Ω
650mA
3.2x2.5x2.0mm
LPS3008-222MLC
2.2µH
175m
Ω
1100mA
3.1x3.1x0.8mm
Coilcraft
www.coilcraft.com
LPS3015-222MLC
2.2µH
110m
Ω
2000mA
3.1x3.1x1.5mm
MOS6020-222MLC
2.2µH
35m
Ω
3260mA
6.0x6.8x2.4mm
MOS6020-472MLC
4.7µH
50m
Ω
1820mA
6.0x6.8x2.4mm
CDRH3D16NP-2R2N
2.2µH
72m
Ω
1200mA
4.0x4.0x1.8mm
Sumida
www.sumida.com
CDRH3D16ND-4R7N
4.7µH
105m
Ω
900mA
4.0x4.0x1.8mm
70
75
80
85
90
95
1
10
100
1000
Output Current (mA)
LQH32CN2R2
LPS3008-222
LPS3015-222
M OS6020-222
LQH32CN4R7
M OS6020-472
70
75
80
85
90
95
1
10
100
1000
Output Current (mA)
LQH32CN2R2
LPS3008-222
LPS3015-222
M OS6020-222
LQH32CN4R7
M OS6020-472
VOUT = 1.8V
VOUT = 1.2V
(EQ 4)
I
RMSC
OUT
V
OUT
1
V
OUT
V
IN
--------------
–
L
f
×
------------------------
1
2
3
×
-----------------
×
×
=
(EQ 5)
∆V
OUT
V
OUT
1
V
OUT
V
IN
--------------
–
L
f
×
------------------------
1
8
C
OUT
×
f
×
--------------------------------
ESR
+
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com