Electronic Components Datasheet Search
  English  ▼

X  

AS1334 Datasheet(PDF) 11 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 11 Page - ams AG

Back Button AS1334_07 Datasheet HTML 7Page - ams AG AS1334_07 Datasheet HTML 8Page - ams AG AS1334_07 Datasheet HTML 9Page - ams AG AS1334_07 Datasheet HTML 10Page - ams AG AS1334_07 Datasheet HTML 11Page - ams AG AS1334_07 Datasheet HTML 12Page - ams AG AS1334_07 Datasheet HTML 13Page - ams AG AS1334_07 Datasheet HTML 14Page - ams AG AS1334_07 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
10 - 18
AS1334
Datasheet - Detailed Descr i pti on
8 Detailed Description
The AS1334 is a simple, step-down DC-DC converter optimized for powering portable applications that require low dropout voltages such as
mobile phones, portable communicators, and similar battery powered RFID devices. Besides being packed with numerous features like current
overload protection, thermal overload shutdown and soft start, AS1334 displays the following characteristics:
Its operation is based on current-mode buck architecture with synchronous rectification for high efficiency.
Allows the application to operate at maximum efficiency over a wide range of power levels from a single Li-Ion battery cell.
Provides for a maximum load capability of 650mA in PWM mode, wherein the maximum load range may vary depending on input voltage,
output voltage and the selected inductor.
Is ranked at an efficiency of around 96% for a 400mA load with a 3.6V input voltage.
Figure 22. AS1334 - Functional Block Diagram
The size of the external components is reduced by using a high switching frequency (2MHz). Figure 1 on page 1 demonstrates that only three
external power components are required for implementation. Also, the system controller should set EN low during power-up and other low supply
voltage conditions. See Shutdown Mode on page 12.
Mosfet
Control
Logic
Shutdown
Control
Main Control
Soft Start
Oscillator
Current
Sense
PVIN
VDD
FB
EN
SW
SGND
PGND
AS1334
POK
+
–
1.13V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com