Electronic Components Datasheet Search
  English  ▼

X  

AS1334 Datasheet(PDF) 6 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 6 Page - ams AG

Back Button AS1334_07 Datasheet HTML 2Page - ams AG AS1334_07 Datasheet HTML 3Page - ams AG AS1334_07 Datasheet HTML 4Page - ams AG AS1334_07 Datasheet HTML 5Page - ams AG AS1334_07 Datasheet HTML 6Page - ams AG AS1334_07 Datasheet HTML 7Page - ams AG AS1334_07 Datasheet HTML 8Page - ams AG AS1334_07 Datasheet HTML 9Page - ams AG AS1334_07 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
5 - 18
AS1334
Datasheet - Electrical Character i s t ics
6.1 System Characteristics
TA = 25ºC; PVIN = VDD = EN = 3.6V, unless otherwise noted. The following parameters are verified by characterisation and are not production
tested.
Table 4. System Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T_ON
Turn on time (from Enable low to high
transition)
EN = Low to High, VIN = 4.2V, COUT = 10µF,
IOUT ≤ 1mA
210
350
µs
η
Efficiency (L = 3.3µH, DCR
≤ 100mΩ)
VIN = 3.6V, IOUT = 400mA
96
%
VOUT_ripple Ripple voltage, PWM mode
1
1. Ripple voltage should measured at COUT electrode on good layout PC board and under condition using suggested inductors and capac-
itors.
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
VIN = 4.2V, IOUT = 10mA to 400mA
5mVp-p
Line_tr
Line transient response
VIN = 600mV perturbance, over VIN range 3.4V
to 5.5V; TRISE = TFALL = 10µs, VOUT = 3.0V,
IOUT = 100mA
50
mVpk
Load_tr
Load transient response
VIN = 4.2V, VOUT = 3.0V, transients up to
100mA, TRISE = TFALL = 10µs
50
mVpk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com