Electronic Components Datasheet Search
  English  ▼

X  

AS1334 Datasheet(PDF) 18 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 18 Page - ams AG

Back Button AS1334_07 Datasheet HTML 11Page - ams AG AS1334_07 Datasheet HTML 12Page - ams AG AS1334_07 Datasheet HTML 13Page - ams AG AS1334_07 Datasheet HTML 14Page - ams AG AS1334_07 Datasheet HTML 15Page - ams AG AS1334_07 Datasheet HTML 16Page - ams AG AS1334_07 Datasheet HTML 17Page - ams AG AS1334_07 Datasheet HTML 18Page - ams AG AS1334_07 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
17 - 18
AS1334
Datasheet - Orderin g Info r m ation
11 Ordering Information
The device is available as the standard products shown in Table 8.
Note:
All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Design the AS1334 online at http://www.austriamicrosystems.com/analogbench
analogbench is a powerful design and simulation support tool that operates in on-line and off-line mode to evaluate performance and
generate application-specific bill-of-materials for austriamicrosystems' power management devices.
Table 8. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS1334-BTDT-12
ASR2
1.2V
650mA, Ultra low Ripple Step Down DC/DC
Converter
Tape and Reel
TDFN(3x3) 8-pin
AS1334-BTDT-15
ASR3
1.5V
650mA, Ultra low Ripple Step Down DC/DC
Converter
Tape and Reel
TDFN(3x3) 8-pin
AS1334-BTDT-18
ASR4
1.8V
650mA, Ultra low Ripple Step Down DC/DC
Converter
Tape and Reel
TDFN(3x3) 8-pin
AS1334-BTDT-25
ASR5
2.5V
650mA, Ultra low Ripple Step Down DC/DC
Converter
Tape and Reel
TDFN(3x3) 8-pin
AS1334-BTDT-30
ASQY
3.0V
650mA, Ultra low Ripple Step Down DC/DC
Converter
Tape and Reel
TDFN(3x3) 8-pin
AS1334-BTDT-33
ASR6
3.3V
650mA, Ultra low Ripple Step Down DC/DC
Converter
Tape and Reel
TDFN(3x3) 8-pin
AS1334-BTDT-xx
1
1. Non-standard devices are available between 1.2V and 3.4V in 100mV steps. For more information and inquiries contact http://www.aus-
triamicrosystems.com/contact
xxxx
xxxx
650mA, Ultra low Ripple Step Down DC/DC
Converter
Tape and Reel
TDFN(3x3) 8-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com