Electronic Components Datasheet Search
  English  ▼

X  

AS1390A Datasheet(PDF) 8 Page - ams AG

Part # AS1390A
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390A Datasheet(HTML) 8 Page - ams AG

Back Button AS1390A Datasheet HTML 4Page - ams AG AS1390A Datasheet HTML 5Page - ams AG AS1390A Datasheet HTML 6Page - ams AG AS1390A Datasheet HTML 7Page - ams AG AS1390A Datasheet HTML 8Page - ams AG AS1390A Datasheet HTML 9Page - ams AG AS1390A Datasheet HTML 10Page - ams AG AS1390A Datasheet HTML 11Page - ams AG AS1390A Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
7 - 20
AS1390A, AS1390B
Datasheet - O p e r a t i n g C h a r a c t e r i s t i c s
7 Operating Characteristics
VOUT Boost = 60V, IOUT Boost = 1A, VOUT Buck = 5V, IOUT Buck = 50mA, TA = +25°C (unless otherwise specified);
Figure 4. Boost - Efficiency vs. Output Current; VIN = 12V
Figure 5. Boost - Output Voltage vs. Output Current; VIN = 12V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
Output Current (A)
0
10
20
30
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Current (A)
Figure 6. Boost - Efficiency vs. Output Current; VIN = 24V
Figure 7. Boost - Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
Output Current (A)
50
55
60
65
70
75
80
85
90
95
100
10
12
14
16
18
20
22
24
26
28
30
Input Voltage (V)
Figure 8. Boost - Output Voltage vs. Output Current; VIN = 24V
Figure 9. Boost - VOUT vs. Temp.; VIN = 24V, IOUT = 200mA
40
45
50
55
60
65
70
75
80
0
0.5
1
1.5
2
2.5
3
3.5
4
Output Current (A)
40
45
50
55
60
65
70
75
80
-30
-15
0
15
30
45
60
75
90
Temperature ( C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com