Electronic Components Datasheet Search
  English  ▼

X  

AS1390A Datasheet(PDF) 12 Page - ams AG

Part # AS1390A
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390A Datasheet(HTML) 12 Page - ams AG

Back Button AS1390A Datasheet HTML 8Page - ams AG AS1390A Datasheet HTML 9Page - ams AG AS1390A Datasheet HTML 10Page - ams AG AS1390A Datasheet HTML 11Page - ams AG AS1390A Datasheet HTML 12Page - ams AG AS1390A Datasheet HTML 13Page - ams AG AS1390A Datasheet HTML 14Page - ams AG AS1390A Datasheet HTML 15Page - ams AG AS1390A Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
11 - 20
AS1390A, AS1390B
Datasheet - D e t a i l e d D e s c r i p t i o n
8.1.2
Undervoltage-Lockout (UVLO)
To enable the usage of the circuit with a wide input voltage range (typ. 12V and 24V), the threshold for undervoltage detection should be
selectable by external components. Therefore a PAD UVLO is implemented, with an external resistor that selects the value of the threshold and
implements also a hysteresis. Till UVLOCO gets deactivated, the threshold is higher, after UVLOCO is 0 (no undervoltage condition), the
threshold is lowered by a switch-on of a constant current source.
If the undervoltage-lockout is not needeed connect the UVLO pin to VDDL.
Figure 19. UVLO - comparator and external resistor divider
Figure 20. UVLO - comparator Output
Following equations can be derived for adjusting the threshold voltages.
Undervoltage threshold High:
Undervoltage threshold High:
Where:
IHYST = 20 A
VREF = 1.35V
(EQ 3)
V
DDH
UVH
–
V
REF
1
R
UVLO1
R
UVLO2
-------------------
+
×
=
(EQ 4)
V
DDH
UVL
–
V
REF
1
R
UVLO1
R
UVLO2
-------------------
+
×
I
HYST
R
UVLO1
×
(
)
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com