Electronic Components Datasheet Search
  English  ▼

X  

AS1390A Datasheet(PDF) 1 Page - ams AG

Part # AS1390A
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390A Datasheet(HTML) 1 Page - ams AG

  AS1390A Datasheet HTML 1Page - ams AG AS1390A Datasheet HTML 2Page - ams AG AS1390A Datasheet HTML 3Page - ams AG AS1390A Datasheet HTML 4Page - ams AG AS1390A Datasheet HTML 5Page - ams AG AS1390A Datasheet HTML 6Page - ams AG AS1390A Datasheet HTML 7Page - ams AG AS1390A Datasheet HTML 8Page - ams AG AS1390A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
austriamicrosystems AG
is now
ams AG
The technical content of this austriamicrosystems datasheet is still valid.
Contact information:
Headquarters:
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten, Austria
Tel: +43 (0) 3136 500 0
e-Mail: ams_sales@ams.com
Please visit our website at www.ams.com


Similar Part No. - AS1390A

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
866Kb / 13P
Micropower 150mA Low-Noise LDO
AS13985F12-T AMSCO-AS13985F12-T Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
More results

Similar Description - AS1390A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3668 AMSCO-AS3668 Datasheet
3Mb / 60P
4 Channel Breathl ight Cont rol ler
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
logo
Infineon Technologies A...
ICL8201 INFINEON-ICL8201_15 Datasheet
1Mb / 40P
AC/DC Buck Cont rol ler wi th PFC for LED Lamps
Revision V2.0 2015-05-25
logo
ams AG
AS3833 AMSCO-AS3833 Datasheet
1Mb / 21P
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
AS3834 AMSCO-AS3834 Datasheet
1Mb / 21P
4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
logo
Infineon Technologies A...
ICE3AR4780VJZ INFINEON-ICE3AR4780VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler with integrated 800V
V2.1 2013-10-22
ICE3AR2280VJZ INFINEON-ICE3AR2280VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.1 2013-10-22
ICE3AR1080VJZ INFINEON-ICE3AR1080VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.0 2014-01-20
ICE3AR0680JZ INFINEON-ICE3AR0680JZ Datasheet
2Mb / 34P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
Version 2.1a, 11 Jan 2012
logo
SHOUDING Shouding Semic...
SD8911-AJ SHOUDING-SD8911-AJ Datasheet
1Mb / 12P
Dual Channe l Synchro nous Buck D C/DC Conver ter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com