Electronic Components Datasheet Search
  English  ▼

X  

PIC16C71 Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16C71
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71 Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16C71 Datasheet HTML 48Page - Microchip Technology PIC16C71 Datasheet HTML 49Page - Microchip Technology PIC16C71 Datasheet HTML 50Page - Microchip Technology PIC16C71 Datasheet HTML 51Page - Microchip Technology PIC16C71 Datasheet HTML 52Page - Microchip Technology PIC16C71 Datasheet HTML 53Page - Microchip Technology PIC16C71 Datasheet HTML 54Page - Microchip Technology PIC16C71 Datasheet HTML 55Page - Microchip Technology PIC16C71 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 337 page
background image
PIC16C6X
DS30234D-page 52
© 1997 Microchip Technology Inc.
TABLE 5-1:
PORTA FUNCTIONS
TABLE 5-2:
REGISTERS/BITS ASSOCIATED WITH PORTA
Name
Bit#
Buffer Type
Function
RA0
bit0
TTL
Input/output
RA1
bit1
TTL
Input/output
RA2
bit2
TTL
Input/output
RA3
bit3
TTL
Input/output
RA4/T0CKI
bit4
ST
Input/output or external clock input for Timer0.
Output is open drain type.
RA5/SS (1)
bit5
TTL
Input/output or slave select input for synchronous serial port.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1: The PIC16C61 does not have PORTA<5> or TRISA<5>, read as ‘0’.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
05h
PORTA
—
—
RA5(1)
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
85h
TRISA
—
—
PORTA Data Direction Register
(1)
--11 1111
--11 1111
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'. Shaded cells are not used by PORTA.
Note 1:
PORTA<5> and TRISA<5> are not implemented on the PIC16C61, read as '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com