Electronic Components Datasheet Search
  English  ▼

X  

PIC16C71 Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16C71
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71 Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16C71 Datasheet HTML 78Page - Microchip Technology PIC16C71 Datasheet HTML 79Page - Microchip Technology PIC16C71 Datasheet HTML 80Page - Microchip Technology PIC16C71 Datasheet HTML 81Page - Microchip Technology PIC16C71 Datasheet HTML 82Page - Microchip Technology PIC16C71 Datasheet HTML 83Page - Microchip Technology PIC16C71 Datasheet HTML 84Page - Microchip Technology PIC16C71 Datasheet HTML 85Page - Microchip Technology PIC16C71 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 337 page
background image
PIC16C6X
DS30234D-page 82
© 1997 Microchip Technology Inc.
TABLE 10-5:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
Resets
0Bh,8Bh
10Bh,18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x 0000 000u
0Ch
PIR1
PSPIF(2)
(3)
RCIF(1)
TXIF(1)
SSPIF
CCP1IF
TMR2IF
TMR1IF 0000 0000 0000 0000
0Dh(4)
PIR2
—
—
—
—
—
—
—
CCP2IF ---- ---0 ---- ---0
8Ch
PIE1
PSPIE(2)
(3)
RCIE(1)
TXIE(1)
SSPIE
CCP1IE
TMR2IE
TMR1IE 0000 0000 0000 0000
8Dh(4)
PIE2
—
—
—
—
—
—
—
CCP2IE ---- ---0 ---- ---0
87h
TRISC
PORTC Data Direction register
1111 1111 1111 1111
11h
TMR2
Timer2 module’s register
0000 0000 0000 0000
92h
PR2
Timer2 module’s Period register
1111 1111 1111 1111
12h
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000
15h
CCPR1L
Capture/Compare/PWM1 (LSB)
xxxx xxxx uuuu uuuu
16h
CCPR1H
Capture/Compare/PWM1 (MSB)
xxxx xxxx uuuu uuuu
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000
1Bh(4)
CCPR2L
Capture/Compare/PWM2 (LSB)
xxxx xxxx uuuu uuuu
1Ch(4)
CCPR2H
Capture/Compare/PWM2 (MSB)
xxxx xxxx uuuu uuuu
1Dh(4)
CCP2CON
—
—
CCP2X
CCP2Y
CCP2M3 CCP2M2 CCP2M1 CCP2M0 --00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as '0’. Shaded cells are not used in this mode.
Note 1:
These bits are associated with the USART module, which is implemented on the PIC16C63/R63/65/65A/R65/66/67 only.
2:
Bits PSPIE and PSPIF are reserved on the PIC16C62/62A/R62/63/R63/66, always maintain these bits clear.
3:
The PIR1<6> and PIE1<6> bits are reserved, always maintain these bits clear.
4:
These registers are associated with the CCP2 module, which is only implemented on the PIC16C63/R63/65/65A/R65/66/67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com