Electronic Components Datasheet Search
  English  ▼

X  

PIC16C71 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16C71
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16C71 Datasheet HTML 2Page - Microchip Technology PIC16C71 Datasheet HTML 3Page - Microchip Technology PIC16C71 Datasheet HTML 4Page - Microchip Technology PIC16C71 Datasheet HTML 5Page - Microchip Technology PIC16C71 Datasheet HTML 6Page - Microchip Technology PIC16C71 Datasheet HTML 7Page - Microchip Technology PIC16C71 Datasheet HTML 8Page - Microchip Technology PIC16C71 Datasheet HTML 9Page - Microchip Technology PIC16C71 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 337 page
background image
PIC16C6X
DS30234D-page 6
© 1997 Microchip Technology Inc.
TABLE 1-1:
PIC16C6X FAMILY OF DEVICES
PIC16C61
PIC16C62A
PIC16CR62
PIC16C63
PIC16CR63
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
Memory
EPROM Program Memory
(x14 words)
1K
2K
—
4K
—
ROM Program Memory
(x14 words)
—
—
2K
—
4K
Data Memory (bytes)
36
128
128
192
192
Peripherals
Timer Module(s)
TMR0
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
Capture/Compare/
PWM Module(s)
—
112
2
Serial Port(s)
(SPI/I2C, USART)
—
SPI/I2C
SPI/I2C
SPI/I2C,
USART
SPI/I2C
USART
Parallel Slave Port
—
—
—
—
—
Features
Interrupt Sources
3
7
7
10
10
I/O Pins
13
22
22
22
22
Voltage Range (Volts)
3.0-6.0
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
In-Circuit Serial Programming
Yes
Yes
Yes
Yes
Yes
Brown-out Reset
—
Yes
Yes
Yes
Yes
Packages
18-pin DIP, SO 28-pin SDIP,
SOIC, SSOP
28-pin SDIP,
SOIC, SSOP
28-pin SDIP,
SOIC
28-pin SDIP,
SOIC
PIC16C64A
PIC16CR64
PIC16C65A
PIC16CR65
PIC16C66
PIC16C67
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
20
Memory
EPROM Program Memory
(x14 words)
2K
—
4K
—
8K
8K
ROM Program Memory (x14
words)
—2K
—
4K
—
—
Data Memory (bytes)
128
128
192
192
368
368
Peripherals
Timer Module(s)
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
Capture/Compare/PWM Mod-
ule(s)
1
1
2
222
Serial Port(s) (SPI/I2C, USART)
SPI/I2C
SPI/I2C
SPI/I2C,
USART
SPI/I2C,
USART
SPI/I2C,
USART
SPI/I2C,
USART
Parallel Slave Port
Yes
Yes
Yes
Yes
—
Yes
Features
Interrupt Sources
8
8
11
11
10
11
I/O Pins
33
33
33
33
22
33
Voltage Range (Volts)
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
In-Circuit Serial Programming
Yes
Yes
Yes
Yes
Yes
Yes
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Packages
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin
PLCC,
MQFP,
TQFP
28-pin SDIP,
SOIC
40-pin DIP;
44-pin
PLCC,
MQFP,
TQFP
All PIC16/17 Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current
capability. All PIC16C6X Family devices use serial programming with clock pin RB6 and data pin RB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com