Electronic Components Datasheet Search
  English  ▼

X  

AS3648 Datasheet(PDF) 10 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 10 Page - ams AG

Back Button AS3648 Datasheet HTML 6Page - ams AG AS3648 Datasheet HTML 7Page - ams AG AS3648 Datasheet HTML 8Page - ams AG AS3648 Datasheet HTML 9Page - ams AG AS3648 Datasheet HTML 10Page - ams AG AS3648 Datasheet HTML 11Page - ams AG AS3648 Datasheet HTML 12Page - ams AG AS3648 Datasheet HTML 13Page - ams AG AS3648 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
9 - 38
AS3648
Datasheet, Confidential - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. ILED Startup (ILED_OUT=60mA)
Figure 11. VOUT / ILED_OUT ripple, ILED_OUT = 1.0A
Figure 12. ILED Rampdown (ILED_OUT=1.0A)
Figure 13. ILED_OUT vs. TAMB
58
59
60
61
62
63
-30
-10
10
30
50
70
mA
Ambient Temperature (C)
Figure 14. Oscillator frequency fCLK vs. TAMB
Figure 15. Flash Timeout
3.8
3.9
4.0
4.1
4.2
-30
-10
10
30
50
70
MHz
Ambient Temperature (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com