Electronic Components Datasheet Search
  English  ▼

X  

AS3648 Datasheet(PDF) 12 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 12 Page - ams AG

Back Button AS3648 Datasheet HTML 8Page - ams AG AS3648 Datasheet HTML 9Page - ams AG AS3648 Datasheet HTML 10Page - ams AG AS3648 Datasheet HTML 11Page - ams AG AS3648 Datasheet HTML 12Page - ams AG AS3648 Datasheet HTML 13Page - ams AG AS3648 Datasheet HTML 14Page - ams AG AS3648 Datasheet HTML 15Page - ams AG AS3648 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
11 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
4MHz/1MHz Operating Mode Switching
If freq_switch_on (see page 28)=1 and in flash and assist light mode (indicator mode or low current mode using PWM
mode -see mode_setting (page 26) - always will use pulseskip) if led_current1>=40h and led_current2>=40h and
current_boost=0, the DCDC converter always operates in PWM mode (exception: PFM mode is allowed during
startup) to reduce EMI in EMI sensitive systems. For flash and assist light mode and high duty cycles close to 100%
on-time (maximum duty cycle) of the PMOS, the DCDC converter can switch into a 1MHz operating mode and maxi-
mum duty cycle to improve efficiency for this load condition
4. The DCDC converter returns back to its normal 4MHz
operating frequency when load or supply conditions change. Due to this switching between two fixed frequencies the
noise spectrum of the system is exactly defined and predictable. If improved efficiency is required, the fixed switching
between 1MHz / 4MHz can be disabled by freq_switch_on (see page 28)=0. In this case pulseskip will be used.
The internal circuit for switching between these two frequencies is shown in Figure 17:
Figure 17. Internal circuit of 4MHz/1Mhz selection
Note: For simplicity Figure 17 shows only a single current sink.
Protection and Fault Detection Functions
The protection functions protect the AS3648 and the LED(s) against physical damage. In most cases a Fault register
bit is set, which can be readout by the I
2C interface. The fault bits are automatically cleared by a I2C readout of the fault
register. Additionally the DCDC is stopped and the current sinks are disabled
5 by resetting out_on=0,
mode_setting=00 and ext_torch_on=00.
Overvoltage Protection
In case of no or a broken LED(s) at the pin LED_OUT1/2 and an enabled DCDC converter, the voltage on VOUT1/2
rises until it reaches VVOUTMAX (overvoltage condition) and the voltage across the current source is below low_vds
6.,
the DCDC converter is stopped, the current sources are disabled and the bit fault_ovp (see page 28) is set
7.
4. Efficiency compared to a 4MHz only DCDC converter forced to operate with minimum duty cycle.
5. Applies for all faults except TXMASK event occurred
6. If overvoltage is reached, but none of the low_vds comparator(s) triggers, VOUT1/2 is still regulated below
VVOUTMAX.
7. In constant voltage mode (5V generation, register bit const_v_mode=1) this fault is disabled.
 

 
 
  
!
"
"

&%
'( ))
* + ,-


$. !'/
#0 $. !  #0 $. /
%!'/
$.  1
$2 #0
345 26
AS3648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com