Electronic Components Datasheet Search
  English  ▼

X  

AS3648 Datasheet(PDF) 15 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 15 Page - ams AG

Back Button AS3648 Datasheet HTML 11Page - ams AG AS3648 Datasheet HTML 12Page - ams AG AS3648 Datasheet HTML 13Page - ams AG AS3648 Datasheet HTML 14Page - ams AG AS3648 Datasheet HTML 15Page - ams AG AS3648 Datasheet HTML 16Page - ams AG AS3648 Datasheet HTML 17Page - ams AG AS3648 Datasheet HTML 18Page - ams AG AS3648 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
14 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Flash Current Reductions
TXMASK
Usually the flash current is defined by the register led_current1 and led_current2. If the TXMASK/TORCH input is used
and (configured by ext_torch_on=01), the flash current is reduced to flash_txmask_current if TXMASK/TORCH=1.
Current Reduction by VIN measurements in Flash Mode
Due to the high load of the flash driver and the ESR of the battery (especially critical at low temperatures), the voltage
on the battery drops. If the voltage drops below the reset threshold of the system would reset. To prevent this condition
the AS3648 monitors the battery voltage and keeps it above vin_low_v_run as follows:
XX
10, 01
or 11
0
standby
0
XX
00
X
ext_torch_on (see page
23) not 10
0X
ext_torch_on =10
1X
ext_torch_on =10
external torch mode
LED current is defined
by the 7LSB
2 bits of
led_current1 and
led_current2
XX
01
1
indicator mode or
low current pwm mode
3
LED current is defined
by the 6LSB bits (bits
5...0) of led_current1
and led_current2 pwm
modulated with
31.25kHz defined by
register inct_pwm (1/
16...4/16)
X
X
10
1
assist light mode
LED current is defined
by the 7LSB
2 bits (6...0)
of led_current1 and
led_current2
XX
11
1
strobe_on (see page 27)
= 0
flash mode;
flash duration defined by
flash_timeout (see page
26)
LED current is defined
by led_current1 and
led_current2 - the
current can be reduced
during flash, see Flash
Current Reductions
below
X0->1
strobe_on = 1 and
strobe_type (see page
27) = 0
X1
strobe_on = 1 and
strobe_type = 1
flash mode;
flash duration defined by
STROBE input; timeout
defined by flash_timeout
1. SCL low for tTIMEOUT and operating mode is indicator, assist or flash mode then shutdown mode is entered.
2. The MSB bit of this register not used to protect the LED; therefore the maximum assist / torch light current = half
the maximum flash current
3. The low current mode is a general purpose PWM mode to drive less current through the LED in average, but
keep the actual pulsed current in a range where the light output from the LED is still specified. As only the 6
LSBs of led_current1 and led_current2 are used the maximum current is limited to 1/4 of the maximum flash
current.
Table 5. Operating Mode and current settings (Continued)
AS3648 configuration
operating mode and currents
mode_
setting
(see
page
26)
out_on
(see
page
27)
Condition
Mode
LED_OUT1/2
output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com