Electronic Components Datasheet Search
  English  ▼

X  

AS3931 Datasheet(PDF) 19 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 19 Page - ams AG

Back Button AS3931_07 Datasheet HTML 15Page - ams AG AS3931_07 Datasheet HTML 16Page - ams AG AS3931_07 Datasheet HTML 17Page - ams AG AS3931_07 Datasheet HTML 18Page - ams AG AS3931_07 Datasheet HTML 19Page - ams AG AS3931_07 Datasheet HTML 20Page - ams AG AS3931_07 Datasheet HTML 21Page - ams AG AS3931_07 Datasheet HTML 22Page - ams AG AS3931_07 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
18 - 30
AS3931
Datasheet - Configuring the Product
9 Configuring the Product
9.1 Serial Programming Interface
The AS3931 is programmed via an unidirectional three wire Serial Programming Interface.The 3 lines are:
CS: Chip Select, used for selecting AS3931 and for data latching
SCL: Serial Clock
SDA: Serial Data
A block of 8 bit data starting with the LSB is sent according to the diagram shown in Figure 19. The received block of 8 bit data is shifted into an
8 bit latch. The two LSBs are register address bits and the remaining 6 bits are data bits. The register address bits A1 and A0 are decoded and
the 6 data bits are stored into one of three 6 bit registers with the falling edge of CS.
Figure 19. Protocol of 8 Bit Data Serial Transmission
9.2 Power On Register
Table 4. Register Data
Bit
POR state
Description
P0
1
Enable Channel 1
P1
1
Enable Channel 2
P2
1
Enable Channel 3
P3
1
Enable Regulator
P4
0
Antenna Rotator Bit 1
P5
0
Antenna Rotator Bit 2
Table 5. Register Address
Bit
Value
A0
0
A1
0
CS
SDA
ADDRESS
DATA
A0
A 1
D 0
D1
D 2
D3
D4
D5
D =T : TEST MODE REGISTER
SCL
D =P : POWER ON REGISTER
D =C : CHANNEL SELECT REGISTER
D = M: CORRELATOR MODE REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com