Electronic Components Datasheet Search
  English  ▼

X  

AS3931 Datasheet(PDF) 5 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 5 Page - ams AG

  AS3931_07 Datasheet HTML 1Page - ams AG AS3931_07 Datasheet HTML 2Page - ams AG AS3931_07 Datasheet HTML 3Page - ams AG AS3931_07 Datasheet HTML 4Page - ams AG AS3931_07 Datasheet HTML 5Page - ams AG AS3931_07 Datasheet HTML 6Page - ams AG AS3931_07 Datasheet HTML 7Page - ams AG AS3931_07 Datasheet HTML 8Page - ams AG AS3931_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
4 - 30
AS3931
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments 16-pin TSSOP Package
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin
Number
Pin
Type
Description
VCC
1
Supply Input
Positive Supply Voltage
LF1N
2
Analog Input
Channel 1 negative input
LF1P
3
Analog Input
Channel 1 positive input
LF2N
4
Analog Input
Channel 2 negative input
LF2P
5
Analog Input
Channel 2 positive input
LF3N
6
Analog Input
Channel 3 negative input
LF3P
7
Analog Input
Channel 3 positive input
GND
8
Ground
Negative Supply Voltage
XIN
9
Analog Input
Crystal Oscillator Pin 1
XOUT
10
Analog Output
Crystal Oscillator Pin 2
WAKE
11
Open Drain
Wake Up Detect output/Reset output
CS
12
Digital Input with
Pulldown
Chip Select
SCL
13
Digital Input with
Pulldown
Serial Clock
SDA
14
Digital Input with
Pulldown
Serial Data
RSSI
15
Analog/Digital
output
Received Signal Strength Indicator signal/
Digital Test mode signal output
VREG
16
Analog Output
Regulator Output Voltage
AS3931
1
2
3
4
5
6
7
12
16
15
14
13
LF1N
LF1P
LF2N
LF2P
LF3N
LF3P
RSSI
SDA
SCL
CS
WAKE
XOUT
11
10
VCC
VREG
8
9
GND
XIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com