Electronic Components Datasheet Search
  English  ▼

X  

AS3931 Datasheet(PDF) 6 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 6 Page - ams AG

Back Button AS3931_07 Datasheet HTML 2Page - ams AG AS3931_07 Datasheet HTML 3Page - ams AG AS3931_07 Datasheet HTML 4Page - ams AG AS3931_07 Datasheet HTML 5Page - ams AG AS3931_07 Datasheet HTML 6Page - ams AG AS3931_07 Datasheet HTML 7Page - ams AG AS3931_07 Datasheet HTML 8Page - ams AG AS3931_07 Datasheet HTML 9Page - ams AG AS3931_07 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
5 - 30
AS3931
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only. Functional operation of the
device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 6 is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Positive supply voltage
(VCC)
-0.5
5.5
V
Analog ground
(GND)
00
V
Voltage at any pin except pin 2 to pin 7 (VIN)GND-0.5
VCC+0.5
V
Voltage at Pin 2 to Pin 7
(VIN)
GND-0.5
GND+0.5
V
Input current (Latchup Immunity)
(Iin)
-100
+100
mA
JEDEC 78
Electrostatic discharge
(VESD)
1000
V
Norm: MIL 883 E method 3015
HBM: R=1.5 k
Ω, C=100 pF
Total power dissipation
(Ptot)
300
mW
Storage temperature
(Tstg)
-55
125
ºC
Package body temperature
(Tbody)
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State
Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level
3
Represents a maximum floor life time of 168h
Operating Ambient Temperature Range
(TAMB)
-20
+65
ºC
Recommended Operating Conditions
Positive supply voltage
(VCC)
2.6
5.5
V
Regulator used
Positive supply voltage
(VCC)
2.4
3.5
V
Regulator not used
Analog Ground
(GND)
00
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com