Electronic Components Datasheet Search
  English  ▼

X  

AS3953 Datasheet(PDF) 12 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 12 Page - ams AG

Back Button AS3953 Datasheet HTML 8Page - ams AG AS3953 Datasheet HTML 9Page - ams AG AS3953 Datasheet HTML 10Page - ams AG AS3953 Datasheet HTML 11Page - ams AG AS3953 Datasheet HTML 12Page - ams AG AS3953 Datasheet HTML 13Page - ams AG AS3953 Datasheet HTML 14Page - ams AG AS3953 Datasheet HTML 15Page - ams AG AS3953 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
www.ams.com
Revision 1.0
12 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
7.5 ISO 14443A Level-4 Protocol Mode
When Level-4 Protocol mode is selected the PICC Logic autonomously execute complete ISO 14443A Level-3 communication and certain
commands of Level-4. This also includes the anti-collision sequence during which the AS3953 UID number is read by the PCD (7 bytes UID is
supported), the AS3953 is brought in the selected state (ISO14443-4) in which data exchange between the AS3953 and the PCD can start. On
this level also a reading and writing of the AS3953 EEPROM is possible.
In case the configuration bit
irq_l4 is set an interrupt is automatically sent to controller once the PICC Logic enters in ACTIVE(*) state (after
sending SAK on Cascade Level 2).
Support of ISO 14443A Level-4.
ISO 14443A-4 commands
RATS, PPS and DESELECT are implemented in the PICC Logic. RATS and PPS define communication parameters,
which are going to be used in the following data exchange by using the block transmission protocol. The advantage of implementing
PPS that
defines the bit rate used for communication, is that all bit rate issues are handled by the PICC Logic. The MCU gets the information about the
actual receive and transmit bit rate by reading a dedicated display register. It has to be fast enough to serve receive and transmit at the maximum
bit rate.
Execution of the block transmission protocol is left to the controller. In case of receiving the block data from the PCD the PICC Logic provides
support by detecting and removing start bit, stop bit, parity bits and CRC. Parity bits and CRC are also checked. When the block data is sent to
the PCD the PICC Logic calculates and inserts start bit, parity bits, CRC and stop bit.
DESELECT puts the PICC Logic in HALT state. An interrupt is sent to controller upon reception of DESELECT command to inform it that PCD
stopped the Level-4 communication.
Additionally to supporting the ISO14443-4 transmitting protocol the PICC Logic accepts also proprietary commands. Proprietary commands are
identified by setting the two MSB bits of first transmitted byte to ‘01’ (This combination is not used by ISO 14443A Level-4 protocol). The
following custom commands are implemented:

Wake-up: Sends a wake-up interrupt to controller

Read EEPROM: Reads data from EEPROM

Write EEPROM: Writes data to EEPROM
Support of ISO 14443A Optional Features.

CID is supported

NAD is not supported

Historical bytes are not supported

Power level indication is not supported
7.5.1 Coding of UID
Anti-collision procedure is based on Unique Identification Number (UID). The AS3953 supports double UID size (7 bytes). First three bytes of
UID are hard-wired inputs to the PICC Logic (
uid<23:0>). Last 4 bytes of UID are stored in EEPROM UID word.
First Byte of UID (uid0).
First byte of UID is according to [ISO3] ISO/IEC 7816-6 IC Manufacturer ID. It is coded on bits
uid<7:0>. ams IC Manufacturer ID is 3F(hex).
Second Byte of UID (uid1).
Second byte of UID –
uid<15:8> is reserved for ams chip type (IC Type). Every ams RFID tag IC has its own chip type attributed. Therefore PCD
which has read the RFID tag UID knows to which tag IC it is talking.
The AS3953 IC type is 10(hex).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com