Electronic Components Datasheet Search
  English  ▼

X  

AS3953 Datasheet(PDF) 31 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 31 Page - ams AG

Back Button AS3953 Datasheet HTML 27Page - ams AG AS3953 Datasheet HTML 28Page - ams AG AS3953 Datasheet HTML 29Page - ams AG AS3953 Datasheet HTML 30Page - ams AG AS3953 Datasheet HTML 31Page - ams AG AS3953 Datasheet HTML 32Page - ams AG AS3953 Datasheet HTML 33Page - ams AG AS3953 Datasheet HTML 34Page - ams AG AS3953 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
www.ams.com
Revision 1.0
31 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
8.3.3 Mode Definition Registers
Mode Definition Register.
Note:
Default value is loaded from EEPROM configuration word bits
b12 to b7 during power-up initialization.
Bit Rate Definition Register.
Note:
Default setting is set at power-up and after
Set Default command. In ISO 14443A Level-4 Protocol mode, this value is rewritten after
receiving
PPS command.
Table below defines the coding of the Bit Rate
Note:
In case a bit rate which is not supported is selected, the Tx / Rx operation is disabled.
Address# 01h : Mode Definition
Type: RW
Bit
Name
Default
Function
Comments
7
RFU
6
RFU
5
r_mod_1
see note 00: ISO 14443A Level-4 Protocol mode
01:
ISO 14443A Level-3 Protocol mode
10:
Framing mode
11:
Transparent mode
ISO mode in case of register control;
If ISO 14443A Protocol mode is selected
through registers, logic is forced in Level-4
mode.
4
r_mod_2
see note
3
r_rxncrc
see note
1:
Rx – CRC is not checked, CRC part of
message is also put in FIFO
Applicable in ISO 14443A Level-3 Protocol
mode and Framing mode. In Protocol mode,
applicable for frames which are put in FIFO.
2
r_rxbs
see note
1:
Rx – Bit stream mode, received bits are
put in FIFO (no parity and CRC check)
1
r_txncrc
see note 1: Tx – Do not generate CRC
0
r_txbs
see note
1:
Tx – Bit stream mode, bits put in FIFO
are sent without parity and CRC generation
Address# 02h : Bit Rate Definition
Type: RW
Bit
Name
Default
Function
Comments
7
tx_rate3
0
Bit rate for Tx
For coding see table below
6
tx_rate2
0
5
tx_rate1
0
4
tx_rate0
0
3
rx_rate3
0
Bit rate for Rx
For coding see table below
2
rx_rate2
0
1
rx_rate1
0
0
rx_rate0
0
Rate3
Rate2
Rate1
Rate0
Bit Rate [kbps]
Comments
0
0
0
0
fc/128 (~106)
0
0
0
1
fc/64 (~212)
0
0
1
0
fc/32 (~424)
0
0
1
1
fc/16 (~848)
Other combinations RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com