Electronic Components Datasheet Search
  English  ▼

X  

AS3953 Datasheet(PDF) 29 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 29 Page - ams AG

Back Button AS3953 Datasheet HTML 25Page - ams AG AS3953 Datasheet HTML 26Page - ams AG AS3953 Datasheet HTML 27Page - ams AG AS3953 Datasheet HTML 28Page - ams AG AS3953 Datasheet HTML 29Page - ams AG AS3953 Datasheet HTML 30Page - ams AG AS3953 Datasheet HTML 31Page - ams AG AS3953 Datasheet HTML 32Page - ams AG AS3953 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
www.ams.com
Revision 1.0
29 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
8.1.10 ISO 14443A Frame Data in FIFO
Data in ISO 14443A frames is organized in bytes; each byte is terminated by parity bit. Data bits in a byte are numbered from
b1 to b8 where b1
is LSB bit, LSB is sent first.
Data sent over SPI is also organized in bytes, bits in a byte are marked
D0 to D7, where D0 is LSB bit, MSB is sent first.
During receive the framing engine checks the parity bit and removes it from data frame, only the data bytes are put in FIFO. During transmission
the process is inversed, only the data bytes are put in FIFO, while the framing engine adds the parity bits.
The ISO 14443A data bits
b1 to b8 are mapped to FIFO data bits D0 to D7, which means that the order of receiving/transmitting bits in a byte is
inversed (the ISO 14443A bytes are sent LSB first while the SPI bytes are sent MSB first).
The only exceptions to this rule are the Rx and Tx bit stream modes. In these modes the meaning of byte is lost. In order to simplify processing
the order of bits is the same on ISO 14443A and FIFO side.
This means that during reception with bit
rxbs set the first received bit is also the first bit read out of FIFO. In case the last FIFO byte is not
complete the bits which are not part of received data are padded with ‘0’.
The same stands for transmission with bit
txbs set: the first bit written in FIFO is also the first bit sent.
8.2 Direct Commands
8.2.1 Set Default
This direct command puts the AS3953 in the same state as power-up initialization. All registers are initialized to the default state.
8.2.2 Clear
This direct command stops all current activities (transmission or reception) and clears FIFO.
8.2.3 Transmit
This direct command transmits the data stored in the FIFO. In Protocol modes it is only accepted on Level-4 of communication. Before triggering
transmission using
Transmit command direct command Clear has to be sent, followed by definition of number of transmitted bytes and writing
data to be transmitted in FIFO.
Execution of this direct command is only enabled when the AS3953 antenna coil is in a PCD field (VP_INT is above HF_PON threshold).
8.2.4 Go2halt
Puts PICC logic in HALT state.
Execution of this direct command is only enabled when the AS3953 antenna coil is in a PCD field (VP_INT is above HF_PON threshold) and
PICC Logic is in one of the two ISO 14443A Protocol modes.
Table 10. List of Direct commands
Command Byte Value
[hex]
Command
Comments
C2, C3
Set Default
Puts the AS3953 in default state
C4, C5
Clear
Stops all activities and clears FIFO
C8
Transmit
Starts a transmit sequence
D0
Go2halt
Puts PICC logic in HALT state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com