Electronic Components Datasheet Search
  English  ▼

X  

AS5043 Datasheet(PDF) 28 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 28 Page - ams AG

Back Button AS5043 Datasheet HTML 24Page - ams AG AS5043 Datasheet HTML 25Page - ams AG AS5043 Datasheet HTML 26Page - ams AG AS5043 Datasheet HTML 27Page - ams AG AS5043 Datasheet HTML 28Page - ams AG AS5043 Datasheet HTML 29Page - ams AG AS5043 Datasheet HTML 30Page - ams AG AS5043 Datasheet HTML 31Page - ams AG AS5043 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
AS5043
Data Sheet – Angular Output Tolerances
www.austriamicrosystems.com
Revision 1.80
27 – 36
18.7 Temperature
18.7.1 Magnetic Temperature Coefficient
One of the major benefits of the AS5043 compared to linear Hall sensors is that it is much less sensitive to temperature.
While linear Hall sensors require a compensation of the magnet’s temperature coefficients, the AS5043 automatically
compensates for the varying magnetic field strength over temperature. The magnet’s temperature drift does not need to
be considered, as the AS5043 operates with magnetic field strengths from
±45…±75mT.
Example:
A NdFeB magnet has a field strength of 75mT @ –40°C and a temperature coefficient of -0.12% per Kelvin. The
temperature change is from –40° to +125° = 165K.
The magnetic field change is: 165 x -0.12% = -19.8%, which corresponds to 75mT at –40°C and 60mT at 125°C .
The AS5043 can compensate for this temperature related field strength change automatically, no user adjustment is
required.
18.7.2 Accuracy over Temperature
The influence of temperature in the absolute accuracy is very low. While the accuracy is
≤ ±0.5° at room temperature, it
may increase to
≤±0.9° due to increasing noise at high temperatures.
18.7.3 Timing Tolerance over Temperature
The internal RC oscillator is factory trimmed to
±5%. Over temperature, this tolerance may increase to ±10%. Generally,
the timing tolerance has no influence in the accuracy or resolution of the system, as it is used mainly for internal clock
generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com