Electronic Components Datasheet Search
  English  ▼

X  

AS5043 Datasheet(PDF) 29 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 29 Page - ams AG

Back Button AS5043 Datasheet HTML 25Page - ams AG AS5043 Datasheet HTML 26Page - ams AG AS5043 Datasheet HTML 27Page - ams AG AS5043 Datasheet HTML 28Page - ams AG AS5043 Datasheet HTML 29Page - ams AG AS5043 Datasheet HTML 30Page - ams AG AS5043 Datasheet HTML 31Page - ams AG AS5043 Datasheet HTML 32Page - ams AG AS5043 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AS5043
Data Sheet – Electrical Characteristics
www.austriamicrosystems.com
Revision 1.80
28 – 36
19 Electrical Characteristics
19.1 Absolute Maximum Ratings (non operating)
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Parameter
Symbol
Min
Max
Unit
Note
VDD5V
-0.3
7
V
Pin VDD5V
DC supply voltage
VDD3V3
5
V
Pin VDD3V3
-0.3
VDD5V +0.3
Pins MagRngn, Mode, CSn, CLK, DO,
DACout, FB, Vout
-0.3
5
Pin DACref
Input pin voltage
Vin
-0.3
7.5
V
Pin PROG_DI
Input current (latchup immunity)
Iscr
-100
100
mA
Norm: JEDEC 78
Electrostatic discharge
ESD
± 2
kV
Norm: MIL 883 E method 3015
Storage temperature
Tstrg
-55
125
°C
Min – 67°F ; Max +257°F
Body temperature (Lead-free
package)
TBody
260
°C
t=20 to 40s, Norm: IPC/JEDEC
J-Std-020C
Lead finish 100% Sn “matte tin”
Humidity non-condensing
H
5
85
%
19.2 Operating Conditions
Parameter
Symbol Min
Typ Max Unit Note
Ambient temperature
Tamb
-40
125
°C
-40°F…+257°F
Supply current
Isupp
16
21
mA
Supply voltage at pin VDD5V
Voltage regulator output voltage at pin
VDD3V3
VDD5V
VDD3V3
4.5
3.0
5.0
3.3
5.5
3.6
V
V
5V Operation
Supply voltage at pin VDD5V
Supply voltage at pin VDD3V3
VDD5V
VDD3V3
3.0
3.0
3.3
3.3
3.6
3.6
V
V
3.3V Operation
(pin VDD5V and VDD3V3 connected)
19.3 DC Characteristics for Digital Inputs and Outputs
19.3.1 CMOS Schmitt-Trigger Inputs: CLK, CSn (internal Pull-up), Mode (internal Pull-down)
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise noted)
Parameter
Symbol
Min
Max
Unit
Note
High level input voltage
VIH
0.7 * VDD5V
V
Normal operation
Low level input voltage
VIL
0.3 * VDD5V
V
Schmitt Trigger hysteresis
VIon- VIoff
1
V
-1
1
Pin CLK, VDD5V = 5.0V
Input leakage current
Pull-up low level input current
Pull-down high level input current
ILEAK
IiL
IiH
-30
30
-100
100
µA
Pin CSn, VDD5V= 5.0V
Pin Mode, VDD5V= 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com