Electronic Components Datasheet Search
  English  ▼

X  

AS5043 Datasheet(PDF) 30 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 30 Page - ams AG

Back Button AS5043 Datasheet HTML 26Page - ams AG AS5043 Datasheet HTML 27Page - ams AG AS5043 Datasheet HTML 28Page - ams AG AS5043 Datasheet HTML 29Page - ams AG AS5043 Datasheet HTML 30Page - ams AG AS5043 Datasheet HTML 31Page - ams AG AS5043 Datasheet HTML 32Page - ams AG AS5043 Datasheet HTML 33Page - ams AG AS5043 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
AS5043
Data Sheet – Electrical Characteristics
www.austriamicrosystems.com
Revision 1.80
29 – 36
19.3.2 CMOS Input: Program Input (Prog)
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless
otherwise noted)
Parameter
Symbol
Min
Max
Unit
Note
High level input voltage
VIH
0.7 * VDD5V
5
V
High level input voltage
VPROG
See “programming
conditions”
V
During programming
Low level input voltage
VIL
0.3 * VDD5V
V
Pull-down high level input current
IiL
100
µA
VDD5V: 5.5V
19.3.3 CMOS Output Open Drain: MagRngn
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless
otherwise noted)
Parameter
Symbol
Min
Max
Unit
Note
Low level output voltage
VOL
VSS+0.4
V
Output current
IO
4
2
mA
VDD5V: 4.5V
VDD5V: 3V
Open drain leakage current
IOZ
1
µA
19.3.4 Tristate CMOS Output: DO
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise noted)
Parameter
Symbol
Min
Max
Unit
Note
High level output voltage
VOH
VDD5V –0.5
V
Low level output voltage
VOL
VSS+0.4
V
Output current
IO
4
2
mA
mA
VDD5V: 4.5V
VDD5V: 3V
Tri-state leakage current
IOZ
1
µA
19.3.5 Digital-to-Analog Converter
Parameter
Symbol
Min
Typ
Max
Unit Note
OTP Setting
Resolution
10
bit
Output range
VOUTM1
0
Vref
V
0……100% Vref (default)
ClampMdEn = 0
(default)
VOUTM2
0.10 *Vref
0.90 *Vref
V
10…..90% Vref
ClampMdEn = 1
Output resistance
ROut,DAC
8
k
Ω
Unbuffered Pin DACout (#10)
0.2
VDD3V3 - 0.2
V
DAC reference = external:
Pin: DACref (#9)
RefExt EN = 1
DAC reference
voltage (DAC full
scale range)
Vref
VDD5V / 2
V
DAC reference = internal
RefExtEn = 0
(default)
Integral non-
linearity
INLDAC
+/- 1.5
LSB
Differential non-
linearity
DNLDAC
+/- 0.5
LSB
Non-Linearity of DAC and
OPAMP; -40….+125°C,
for all analog modes:
1LSB = Vref / 1024
1
LSB All analog modes
Analog output
hysteresis
Hyst
2
LSB
At 360°-0° transition,
360° mode only
OR1,OR0 = 00
(default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com