Electronic Components Datasheet Search
  English  ▼

X  

OPA350 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA350
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA350 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA350 Datasheet HTML 5Page - Texas Instruments OPA350 Datasheet HTML 6Page - Texas Instruments OPA350 Datasheet HTML 7Page - Texas Instruments OPA350 Datasheet HTML 8Page - Texas Instruments OPA350 Datasheet HTML 9Page - Texas Instruments OPA350 Datasheet HTML 10Page - Texas Instruments OPA350 Datasheet HTML 11Page - Texas Instruments OPA350 Datasheet HTML 12Page - Texas Instruments OPA350 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
9
APPLICATIONS INFORMATION
OPA350 series op amps are fabricated on a
state-of-the-art 0.6 micron CMOS process. They are
unity-gain stable and suitable for a wide range of
general-purpose applications. Rail-to-rail input/output
make them ideal for driving sampling A/D converters.
They are also well-suited for controlling the output
power in cell phones. These applications often require
high speed and low noise. In addition, the OPA350
series offers a low-cost solution for general-purpose
and consumer video applications (75
Ω drive capability).
Excellent ac performance makes the OPA350 series
well-suited for audio applications. Their bandwidth,
slew rate, low noise (5nV/
√Hz), low THD (0.0006%),
and small package options are ideal for these
applications. The class AB output stage is capable of
driving 600
Ω loads connected to any point between V+
and ground.
Rail-to-rail
input
and
output
swing
significantly
increases dynamic range, especially in low voltage
supply applications. Figure 1 shows the input and
output waveforms for the OPA350 in unity-gain
configuration. Operation is from a single +5V supply
with a 1k
Ω load connected to VS/2. The input is a 5VPP
sinusoid. Output voltage swing is approximately
4.95VPP.
Power supply pins should be bypassed with 0.01
µF
ceramic capacitors.
V
S =+5, G = +1, RL =1kΩ
5V
V
IN
0
5V
V
OUT
0
Figure 1. Rail-to-Rail Input and Output
OPERATING VOLTAGE
OPA350 series op amps are fully specified from +2.7V
to +5.5V. However, supply voltage may range from
+2.5V to +5.5V. Parameters are tested over the
specified supply range—a unique feature of the
OPA350 series. In addition, many specifications apply
from −40
°C to +85°C. Most behavior remains virtually
unchanged throughout the full operating voltage range.
Parameters that vary significantly with operating
voltage or temperature are shown in the typical
characteristics.
RAIL-TO-RAIL INPUT
The tested input common-mode voltage range of the
OPA350 series extends 100mV beyond the supply rails.
This is achieved with a complementary input stage—an
N-channel input differential pair in parallel with a
P-channel differential pair, as shown in Figure 2. The
N-channel pair is active for input voltages close to the
positive rail, typically (V+) – 1.8V to 100mV above the
positive supply, while the P-channel pair is on for inputs
from
100mV
below
the
negative
supply
to
approximately (V+) – 1.8V. There is a small transition
region, typically (V+) – 2V to (V+) – 1.6V, in which both
pairs are on. This 400mV transition region can vary
±400mV with process variation. Thus, the transition
region (both input stages on) can range from (V+) –
2.4V to (V+) – 2.0V on the low end, up to (V+) – 1.6V
to (V+) – 1.2V on the high end.
OPA350 series op amps are laser-trimmed to reduce
offset voltage difference between the N-channel and
P-channel
input
stages,
resulting
in
improved
common-mode rejection and a smooth transition
between the N-channel pair and the P-channel pair.
However, within the 400mV transition region PSRR,
CMRR, offset voltage, offset drift, and THD may be
degraded compared to operation outside this region.
A double-folded cascode adds the signal from the two
input pairs and presents a differential signal to the class
AB output stage. Normally, input bias current is
approximately 500fA. However, large inputs (greater
than 300mV beyond the supply rails) can turn on the
OPA350’s input protection diodes, causing excessive
current to flow in or out of the input pins. Momentary
voltages greater than 300mV beyond the power supply
can be tolerated if the current on the input pins is limited
to 10mA. This is easily accomplished with an input
resistor, as shown in Figure 3. Many input signals are
inherently current-limited to less than 10mA; therefore,
a limiting resistor is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com