Electronic Components Datasheet Search
  English  ▼

X  

OPA350 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA350
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA350 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA350 Datasheet HTML 9Page - Texas Instruments OPA350 Datasheet HTML 10Page - Texas Instruments OPA350 Datasheet HTML 11Page - Texas Instruments OPA350 Datasheet HTML 12Page - Texas Instruments OPA350 Datasheet HTML 13Page - Texas Instruments OPA350 Datasheet HTML 14Page - Texas Instruments OPA350 Datasheet HTML 15Page - Texas Instruments OPA350 Datasheet HTML 16Page - Texas Instruments OPA350 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
13
OPA350
+5V
V
OUT
+5V (pin 7)
Video
In
R
OUT
R
L
Cable
R
F
1k
Ω
R
G
1k
Ω
R
4
5k
Ω
R
3
5k
Ω
C
3
10
µF
0.1
µF
10
µF
+
6
7
4
3
2
C
4
0.1
µF
C
5
1000
µF
C
2
47
µF
R
2
5k
Ω
R
1
75
Ω
C
1
220
µF
Figure 6. Single-Supply Video Line Driver
1/ 2
OP A 2 35 0
1/ 2
O P A 2350
R
3
25k
Ω
R
2
25k
Ω
R
G
R
1
100k
Ω
R
4
100k
Ω
R
L
10k
Ω
V
O
50k
Ω
G= 5 +
200k
Ω
R
G
+5V
+5V
REF1004−2.5
4
8
(2.5V)
Figure 7. Two Op-Amp Instrumentation Amplifier With
Improved High Frequency Common-Mode Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com