Electronic Components Datasheet Search
  English  ▼

X  

OPA350 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA350
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA350 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA350 Datasheet HTML 8Page - Texas Instruments OPA350 Datasheet HTML 9Page - Texas Instruments OPA350 Datasheet HTML 10Page - Texas Instruments OPA350 Datasheet HTML 11Page - Texas Instruments OPA350 Datasheet HTML 12Page - Texas Instruments OPA350 Datasheet HTML 13Page - Texas Instruments OPA350 Datasheet HTML 14Page - Texas Instruments OPA350 Datasheet HTML 15Page - Texas Instruments OPA350 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
12
1/ 4
O P A 4350
V
IN B1
2
3
4
2k
Ω
2k
Ω
C
B1
CH B1+
CH B1
−
CH B0+
CH B0
−
CH A1+
CH A1
−
CH A0+
CH A0
−
REF
IN
REF
OUT
SERIAL DATA A
SERIAL DATA B
BUSY
CLOCK
CS
RD
CONVST
A0
M0
M1
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14
1/ 4
O P A 4350
V
IN B0
+5V
6
5
2k
Ω
2k
Ω
C
B0
1/ 4
O P A 4350
V
IN A1
9
10
12
13
8
7
1
2k
Ω
2k
Ω
C
A1
1/ 4
O P A 4350
V
IN A0
14
11
112
2k
Ω
2k
Ω
C
A0
0.1
µF0.1µF
+V
A
+V
D
24
13
Serial
Interface
DGND
AGND
ADS7861
V
IN = 0V to 2.45V for 0V to 4.9V output.
Choose C
B1,CB0,CA1,CA0 to filter high frequency noise.
Figure 5. OPA4350 Driving Sampling A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com