Electronic Components Datasheet Search
  English  ▼

X  

HS9338 Datasheet(PDF) 1 Page - API Technologies Corp

Part # HS9338
Description  Complete 關P Compatible 12-Bit DAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS9338 Datasheet(HTML) 1 Page - API Technologies Corp

  HS9338 Datasheet HTML 1Page - API Technologies Corp HS9338 Datasheet HTML 2Page - API Technologies Corp HS9338 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FUNCTIONAL DIAGRAM
Complete µP Compatible 12-Bit D AC
H S9338
D ata Converter Line
FEATURES
• Output ranges: 0 to +10V, ±10V .
• Coding: binary; offset binary
• Linearity: ±0.01%
• Settling time: 2.5 µS
• µP compatible
• 28-pin package
• CM OS, TTL compatible
• Double buffered inputs
DESCRIPTION
HS9338 is a µP-compatible, complete 12-bit double
buffered digital-to-analog converter. To enhance
application flexibility, the data input registers have
been configured as 3 independent 4-bit bytes. This
enables the user to directly interface to 4, 8, and
12-bit data buses. HS9338 comes complete with
interface control logic. The three separate byte
enable inputs latch data from the bus into the
appropriate primary data latches. The LDA C input
transfers data from the primary latches to the DA C
register. In addition to these input functions are two
chip select inputs and a read/write input allowing
direct memory-map configurations. A ll input con-
trols are static to allow hardwired configurations.
M SB
16
17
18
19
20
21
22
23
24
25
26
27
12
10
DA TA INPUTS
M IDDLE BY TE
INPUT REG
HIGH BY TE
INPUT REG
LOW BY TE
INPUT REG
LSB
SUM
JCT
5V
RA NGE
CONTROL
LOGIC
CS
4
CS
3
W R
2
HBE
6
M BE
5
LBE
7
LDA C
1
DA C REGISTER
12-BIT M DA C
REFERENCE
–
+
–
+
11
V OUT
10
BIPOLA R
10
GA IN
8
GND
9
+15V
15
– 15V
28
+5V
HS 9338
165Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
www.SpectrumMicrowave.com


Similar Part No. - HS9338

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS93 BITECH-HS93 Datasheet
133Kb / 6P
TI CEPT ISDN Transformers
HS93 BITECH-HS93 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HS93-00221 BITECH-HS93-00221 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HS93-01027 BITECH-HS93-01027 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HS93-01048 BITECH-HS93-01048 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
More results

Similar Description - HS9338

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX390 MAXIM-MX390 Datasheet
171Kb / 4P
Quad, 12-Bit, 關P-Compatible DAC
Rev 0; 2/93
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
MX7548 MAXIM-MX7548 Datasheet
504Kb / 12P
CMOS 8-Bit 關P Compatible 12-Bit DAC
19-827 1/89
logo
Analog Devices
AD557JNZ AD-AD557JNZ Datasheet
560Kb / 6P
DACPORT Low Cost, Complete 關P-Compatible 8-Bit DAC
REV. B
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
CMOS 關P-Compatible 12-Bit DAC
REV. A
AD7542 AD-AD7542_15 Datasheet
534Kb / 8P
P Compatible 12 Bit DAC
REV. A
AD7548 AD-AD7548_15 Datasheet
627Kb / 12P
8 Bit P Compatible 12 Bit DAC
REV. A
AD7549 AD-AD7549_15 Datasheet
500Kb / 8P
Dual 12 Bit P Compatible DAC
REV. A
AD7542 AD-AD7542_17 Datasheet
566Kb / 9P
CMOS P-Compatible 12-Bit DAC
23-Feb-2017
AD7548 AD-AD7548_17 Datasheet
653Kb / 13P
LC2MOS 8-Bit P-Compatible 12-Bit DAC
23-Feb-2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com