Electronic Components Datasheet Search
  English  ▼

X  

HS9338 Datasheet(PDF) 3 Page - API Technologies Corp

Part # HS9338
Description  Complete 關P Compatible 12-Bit DAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS9338 Datasheet(HTML) 3 Page - API Technologies Corp

  HS9338 Datasheet HTML 1Page - API Technologies Corp HS9338 Datasheet HTML 2Page - API Technologies Corp HS9338 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PIN
FUNCTION
1
LOA C, LOA DS OA C REGISTER A ND CHA NGES OUTPUT
2
W R, W RITE INPUT, A CTIV A TES A LL CONTROLS
3
CS2, CHIP SELECT INPUT 2
4
CS1, CHIP SELECT INPUT 1
5
M BE, M IDDLE BY TE ENA BLE. D4 TO D7
6
HBE, HIGH BY TE ENA BLE. D8 TO D11
7
LBE, LOW BY TE ENA BLE. D0 TO D3
8
GND, GROUND, A NA LOG A ND DIGITA L GROUND CONNECTED INTERNA LLY
9
V EE, – 15V SUPPLY
10 N.C.
11 V OUT DAC VOLTAGE OUTPUT
12 SUM JCT. SUM M ING JUNCTION OF OUTPUT OPA M P
13 BIPOLA R. CONNECTED TO SUM JCT FOR BIPOLA R OUTPUT RA NGE
14 GA IN. INPUT TO A DJUST FULL SCA LE OUTPUT V OLTA GE
15 V EE, -15V SUPPLY
16 D11, DA TA INPUT, W EIGHT 2-1. M SB
17 D10, DA TA INPUT, W EIGHT 2-2
18 09, DA TA INPUT, W EIGHT 2-3
19 08, DA TA INPUT, W EIGHT 2-4
20 D7, DA TA INPUT, W EIGHT 2-5
21 D6, DA TA INPUT, W EIGHT 2-6
22 D5, DA TA INPUT, W EIGHT 2-7
23 D4, DA TA INPUT, W EIGHT 2-8
24 D3, DA TA INPUT, W EIGHT 2-9
25 D2, DA TA INPUT, W EIGHT 2-10
26 D1, DA TA INPUT, W EIGHT 2-11
27 D0, DA TA INPUT, W EIGHT 2-12, LSB
28 V DD, +5V SUPPLY, CONTROL LOGIC
0.705
(17.907)
M A X
0.255
(6.477) M A X
0.600
(15.240)
0.120
(3.048)
PIN 1 DOT
0.17
(4.321)
DIM ENSIONS
inches
(mm)
TY P
1.540
(43.911)
M A X
0.100
(2.540)
TY P
0.01
(0.254)
0.020
(0.508)
x
BOTTOM
V IEW
28
1
15
14
PA CK A GE OUTLINE
PIN
DIA GRA M
ORDERING INFORM A TION
M ODEL
DESCRIPTION
HS 9338-2
µP DA C, 0.01% Linearity
HS 9338-
µP DA C, 0.05% Linearity
SPECIFICA TION (Continued)
M ECHA NICA L
Case Style
Ceramic
NOTES: 1. Control inputs are TTL and 5V CM OS only, data inputs are fully CM OS and TTL compatible. 2. See A PPLICA TION NOTES for adjustment
procedures. 3 Specified as “ Best Straight Line” . 4. Operating the unit with the DA C Register transparent may result in output “ glitches” due to
logic skewing with the unit. 5. Digital Input V oltage must not exceed supply voltage or go
below –0.5V .“ 0” 0.8V , 2.4V “ 1” V DD.
* Same as HS 9338-2
CA UTION: ESD (Electro-Static Discharge) sensitive device. Permanent damage may occur when unconnected devices are subjected to high energy
electrostatic fields. Unless otherwise noted, the voltage at any digital input should never exceed the supply voltage by more than 0.5 volts or go
below –0.5 volts.
HS9338



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com