Electronic Components Datasheet Search
  English  ▼

X  

HS9338 Datasheet(PDF) 2 Page - API Technologies Corp

Part # HS9338
Description  Complete 關P Compatible 12-Bit DAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS9338 Datasheet(HTML) 2 Page - API Technologies Corp

  HS9338 Datasheet HTML 1Page - API Technologies Corp HS9338 Datasheet HTML 2Page - API Technologies Corp HS9338 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIO N S
(Typical @25ºC unless otherwise noted. Power supply voltages: +15V. –15V. +5V, (±5%)
M ODEL
HS 9338-2
HS9338-0
DIGITA L INPUT
Resolution
12 Bit
Unipolar Code
Binary
Bipolar Code
Offset Binary
Logic Compatibility1
CM OS. TTL
Control Logic Inputs
IIH @VIH = 2.4V
20µA
IIL @VIL = 0.4V
–0.36mA
Data Input Current5
±1µA
A NA LOG OUTPUT
Scale Factor A ccuracy2
±0.1% FSR
Initial Offset2
Bipolar
±0.1% FSR max
Unipolar
± 0.05% FSR max
V oltage Range2
Bipolar
±10V .
Unipolar
0 to +10V
STA TIC PERFORM A NCE
Integral Linearity3
±0.015% FSR max
±0.050% FSR max
Differential Linearity
±0.024% FSR max
±0.097% FSR max
M onotonicity
12 Bits
10 Bits
DY NA M IC PERFORM A NCE
Full Scale Transition
Settling Time
5µS max
2.5µS max
Full Scale Transition
Slew Rate
10V /µS min
Delay to A nalog Output
From Bits Input4
220nS
From LDA C
220nS
From CS4 or W E4
225nS
STA BILITY
Scale Factor
20ppm FSR
Integral Linearity
1 ppm FSR max
Differential Linearity
1 ppm FSR max
Offset Drift
Bipolar
10ppm/ºC
Unipolar
5ppm/ºC
M onotonicity Temperature Range
0ºC to +70ºC
± 15V POW ER SUPPLY
+ 15V Supply Current
12mA
-15V Supply Current
10mA
PSRR
0.005% /%
+ 5V POW ER SUPPLY
+ 5V Supply Current
24mA
TEM PERA TURE RA NGE
Operating
–55ºCto +125ºC
Storage
–65ºCto +155ºC
HS9338
Continued on next page.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com