Electronic Components Datasheet Search
  English  ▼

X  

CDC7005RGZ Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC7005RGZ
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005RGZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC7005RGZ Datasheet HTML 2Page - Texas Instruments CDC7005RGZ Datasheet HTML 3Page - Texas Instruments CDC7005RGZ Datasheet HTML 4Page - Texas Instruments CDC7005RGZ Datasheet HTML 5Page - Texas Instruments CDC7005RGZ Datasheet HTML 6Page - Texas Instruments CDC7005RGZ Datasheet HTML 7Page - Texas Instruments CDC7005RGZ Datasheet HTML 8Page - Texas Instruments CDC7005RGZ Datasheet HTML 9Page - Texas Instruments CDC7005RGZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685L− DECEMBER 2002 − REVISED JUNE 2009
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 2. Word 1
BIT
BIT
NAME
DESCRIPTION / FUNCTION
TYPE
POWER-UP
CONDITION
PIN
AFFECTED
0
C0
Register selection
W
1
1
C1
Register selection
W
0
2
N0
VCXO divider N bit 0
W
1
3
N1
VCXO divider N bit 1
W
1
4
N2
VCXO divider N bit 2
W
1
5
N3
VCXO divider N bit 3
W
1
6
N4
VCXO
VCXO divider N bit 4
W
1
7
N5
VCXO
Divider N{
VCXO divider N bit 5
W
1
8
N6
Divider N
VCXO divider N bit 6
W
1
9
N7
VCXO divider N bit 7
W
0
10
N8
VCXO divider N bit 8
W
0
11
N9
VCXO divider N bit 9
W
0
12
ND0
VCXO
VCXO delay N bit 0
W
0
13
ND1
VCXO
Delay N
VCXO delay N bit 1
W
0
14
ND2
Delay N
VCXO delay N bit 2
W
0
15
MUX00
MUX0 select bit 0
W
0
F1, G1
16
MUX01
MUX0
MUX0 select bit 1
W
0
F1, G1
17
MUX02
MUX0
MUX0 select bit 2
W
0
F1, G1
18
MUX10
MUX1 select bit 0
W
1
H2, H3
19
MUX11
MUX1
MUX1 select bit 1
W
0
H2, H3
20
MUX12
MUX1
MUX1 select bit 2
W
0
H2, H3
21
MUX20
MUX2 select bit 0
W
0
H4, H5
22
MUX21
MUX2
MUX2 select bit 1
W
1
H4, H5
23
MUX22
MUX2
MUX2 select bit 2
W
0
H4, H5
24
MUX30
MUX3 select bit 0
W
1
H6, H7
25
MUX31
MUX3
MUX3 select bit 1
W
1
H6, H7
26
MUX32
MUX3
MUX3 select bit 2
W
0
H6, H7
27
MUX40
MUX4 select bit 0
W
1
G8, F8
28
MUX41
MUX4
MUX4 select bit 1
W
1
G8, F8
29
MUX42
MUX4
MUX4 select bit 2
W
0
G8, F8
30
CP_DIR
Determines in which direction CP should regulate, if
REF_CLK is faster than VCXO_CLK, and vice versa (see
Figure 2)
W
1
A4
31
REXT
Enable external reference resistor (1 = enabled)
W
0
C1
† The frequency applied to the Divider N must be smaller than 250 MHz. A sufficient P Divider must be selected with the MUX_SEL to maintain
this criteria.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com