Electronic Components Datasheet Search
  English  ▼

X  

CDC7005RGZ Datasheet(PDF) 16 Page - Texas Instruments

Part # CDC7005RGZ
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005RGZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDC7005RGZ Datasheet HTML 12Page - Texas Instruments CDC7005RGZ Datasheet HTML 13Page - Texas Instruments CDC7005RGZ Datasheet HTML 14Page - Texas Instruments CDC7005RGZ Datasheet HTML 15Page - Texas Instruments CDC7005RGZ Datasheet HTML 16Page - Texas Instruments CDC7005RGZ Datasheet HTML 17Page - Texas Instruments CDC7005RGZ Datasheet HTML 18Page - Texas Instruments CDC7005RGZ Datasheet HTML 19Page - Texas Instruments CDC7005RGZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685L− DECEMBER 2002 − REVISED JUNE 2009
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
device characteristics over recommended operating free-air temperature range (unless otherwise
noted)(continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH/tPHL
Propagation delay rising/falling edge
VCXO_IN to Yn
500
950
ps
tsk(p)
LVPECL pulse skew
15
ps
tsk(o)
LVPECL output skew (see Note 14)
See Figure 11, Mode 1−2−4−8−8
60
ps
tsk(o)
LVPECL output skew (see Note 14)
See Figure 11, Mode 1−1−1−1−1
30
ps
tr / tf
Rise and fall time
20% to 80% of VOD, See Figure 10
180
350
ps
CI
Input capacitance at VCXO_IN,
VCXO_IB
1.5
pF
Phase Detector
fCPmax
Maximum charge pump frequency
PFD pulse width delay is 0 ps
100
MHz
Charge Pump
ICP
Charge pump sink/source current
range
VCP = 0.5 VCC, See Table 9
±0.625
±8
mA
ICP3St
Charge pump 3-state current
0.5 V < VCP < VCC − 0.5 V
1
30
nA
ICPA
ICP absolute accuracy
VCP = 0.5 VCC
20%
ICPM
Sink/source current matching
VCP = 0.5 VCC
5%
IVCPM
ICP vs VCP matching
0.5 V < VCP < VCC − 0.5 V
10%
Operational Amplifier
IS
Supply current
AVCC = 3.6 V
2
5
mA
VIO
Input offset voltage
2
mV
IIB
Input bias current
(| IOPA_IP | + | IOPA_IN |) / 2
1
30
nA
IIO
Input offset current
| IOPA_IP − IOPA_IN |
1
10
nA
RI
Input resistance
0.5 VCC ±500 mV
10
M
Ω
VICR
Common-mode input voltage range
0.2
VCC−0.2
V
AOL
Open-loop voltage gain
See Figure 17, f = 1 kHz
70
dB
GBW
Gain bandwidth
See Figure 14
3
MHz
SR
Slew rate
See Figure 14, 20% − 80% of VO
1
V/
µs
VO
Output voltage swing
RL = 10 kΩ
0.2
VCC−0.2
V
VO
Output voltage swing
RL = 2 kΩ
0.3
VCC−0.3
V
RO
Output resistance
60
Ω
IOS
Short-circuit output current
Sourcing
−20
mA
IOS
Short-circuit output current
Sinking
50
mA
CMRR
Common-mode rejection ratio
VINPP = 500 mV and
f = 1 kHz, (see Figure 15)
80
dB
PSRR
Power supply rejection ratio
AVCC modulated with sine wave
from
3 V to 3.6 V and f = 100 Hz (see
Figure 16)
60
dB
Vn
Input noise voltage
f = 1 kHz, see Figure 14, VIN = 0 V
500
nV/
√Hz
† All typical values are at VCC = 3.3 V, temperature = 25°C.
NOTE 14: The tsk(o) specification is only valid for equal loading of all outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com